Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDA08C Datasheet(PDF) 1 Page - Protek Devices

Part # SMDA08C
Description  500 WATT MULTI-LINE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDA08C Datasheet(HTML) 1 Page - Protek Devices

  SMDA08C Datasheet HTML 1Page - Protek Devices SMDA08C Datasheet HTML 2Page - Protek Devices SMDA08C Datasheet HTML 3Page - Protek Devices SMDA08C Datasheet HTML 4Page - Protek Devices SMDA08C Datasheet HTML 5Page - Protek Devices SMDA08C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05031.R11 10/12
Page 1
SMDA03 - SMDA36C
500 WATT MULTI-LINE TVS ARRAY
DESCRIPTIoN
The SMDAxx and SMDAxxC Series are multi-line transient voltage suppressor arrays that provides board level protec-
tion for standard TTL and MOS bus line applications against the damaging effects of ESD, tertiary lightning and switch-
ing transients.
The SMDA Series has a peak pulse power rating of 500 Watts for an 8/20µs waveshape. This device series meets the
IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Unidirectional and Bidirectional Configurations
• Available in Multiple Voltages Ranging from 3V to 36V
• Protects up to Four Lines
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACTERISTICS
• Molded JEDEC SO-8 Package
• Approximate Weight: 70 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICATIoNS
• RS-232, RS-422 & RS-423 Data Lines
• SMART Phones
• Audio/Video Inputs
• Portable Electronics
• Wireless Network Systems
• Medical Electronics
PIN CoNFIGURATIoNS
So-8 PACkAGE
1
2
4
8
3
5
6
7
1
2
4
8
3
5
6
7
UNIDIRECTIONAL
BIDIRECTIONAL


Similar Part No. - SMDA08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMDA08C PROTEC-SMDA08C Datasheet
84Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
SMDA08C PROTEC-SMDA08C Datasheet
510Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA08C PROTEC-SMDA08C Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA08C PROTEC-SMDA08C Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
logo
Shanghai Leiditech Elec...
SMDA08C LEIDITECH-SMDA08C Datasheet
712Kb / 4P
Low Capacitance TVS Diode Array For High-Speed Data Interfaces
More results

Similar Description - SMDA08C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMDA05CN-5 PROTEC-SMDA05CN-5_11 Datasheet
507Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
PSMDA05C-4 PROTEC-PSMDA05C-4_12 Datasheet
509Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603_12 Datasheet
639Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA03 PROTEC-SMDA03_12 Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_12 Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA05CN-5 PROTEC-SMDA05CN-5_12 Datasheet
509Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_12 Datasheet
502Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA05-LF PROTEC-SMDA05-LF Datasheet
512Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
SMDA36C-LF PROTEC-SMDA36C-LF Datasheet
697Kb / 6P
500 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com