Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST1L05APU33R Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1L05APU33R
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05APU33R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1L05APU33R Datasheet HTML 11Page - STMicroelectronics ST1L05APU33R Datasheet HTML 12Page - STMicroelectronics ST1L05APU33R Datasheet HTML 13Page - STMicroelectronics ST1L05APU33R Datasheet HTML 14Page - STMicroelectronics ST1L05APU33R Datasheet HTML 15Page - STMicroelectronics ST1L05APU33R Datasheet HTML 16Page - STMicroelectronics ST1L05APU33R Datasheet HTML 17Page - STMicroelectronics ST1L05APU33R Datasheet HTML 18Page - STMicroelectronics ST1L05APU33R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
DocID14492 Rev 3
15/30
ST1L05
Typical characteristics
30
Figure 12. Dropout voltage vs temperature
Figure 13. ESR required for stability with
ceramic capacitors
Figure 14. Quiescent current vs temperature
Figure 15. Quiescent current vs output current
Figure 16. Enable voltage vs temperature
VI =3 V
Figure 17. Enable voltage vs temperature
VI =5.25 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-30-5
20
4570
95
120
145
T [°C]
I
O = 800 mA
I
O = 1 A
I
O = 1.3 A
C
I = CO = 4.7 µF, VO @ 3.3 V
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-30-5
20
4570
95
120
145
T [°C]
I
O = 800 mA
I
O = 1 A
I
O = 1.3 A
C
I = CO = 4.7 µF, VO @ 3.3 V
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
2
4
6
8
10
12
14
16
18
20
22
C
O [µF] (nominal value)
C
I = 4.7 µF, VEN = VI = from 3 V to 5.5 V, IO = from 5 mA to 1.3 A
Stable zone
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0
2
4
6
8
10
12
14
16
18
20
22
C
O [µF] (nominal value)
C
I = 4.7 µF, VEN = VI = from 3 V to 5.5 V, IO = from 5 mA to 1.3 A
Stable zone
0
100
200
300
400
500
600
700
-30
-5
2045
7095
120
145
T [°C]
V
EN = VI = 5 V, IO = 1.3 A, CI = CO = 4.7 µF
0
100
200
300
400
500
600
700
-30
-5
2045
7095
120
145
T [°C]
V
EN = VI = 5 V, IO = 1.3 A, CI = CO = 4.7 µF
0
50
100
150
200
250
300
350
400
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3
I O [A]
V
EN = VI = 5.5 V, CI = CO = 4.7 µF
0
50
100
150
200
250
300
350
400
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1 1.2 1.3
I O [A]
V
EN = VI = 5.5 V, CI = CO = 4.7 µF
0
0.5
1
1.5
2
2.5
-30
-5
20
45
70
95
120
145
T [°C]
ON
OFF
V
I = 3 V, IO = 50 mA, CI = CO = 4.7 µF
0
0.5
1
1.5
2
2.5
-30
-5
20
45
70
95
120
145
T [°C]
ON
OFF
V
I = 3 V, IO = 50 mA, CI = CO = 4.7 µF
0
0.5
1
1.5
2
2.5
-30
-5
20457095
120
145
T [°C]
ON
OFF
VI = 5.25 V, IO = 50 mA, CI = CO = 4.7 µF
0
0.5
1
1.5
2
2.5
-30
-5
20457095
120
145
T [°C]
ON
OFF
VI = 5.25 V, IO = 50 mA, CI = CO = 4.7 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com