Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6580VS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6580VS/NOPB
Description  8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6580VS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6580VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 9Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 10Page - Texas Instruments LMH6580VS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
0.1
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +5V
V
-
= -5V
VOUT = 1 VPP
RL = 1 k:
0.1
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +3.3V
V
-
= -3.3V
VOUT = 1 VPP
RL = 1 k:
0.1
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +5V
V
-
= -5V
VOUT = 1 VPP
RL = 150:
0.1
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +3.3V
V
-
= -3.3V
VOUT = 1 VPP
RL = 150:
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +5V
V
-
= -5V
VOUT = 1 VPP
RL = 150:
1
10
100
1000
FREQUENCY (MHz)
-7
-6
-5
-4
-3
-2
-1
0
1
-225
-180
-135
-90
-45
0
GAIN
PHASE
V
+
= +3.3V
V
-
= -3.3V
VOUT = 1 VPP
RL = 150:
LMH6580, LMH6581
www.ti.com
SNOSAY4C – AUGUST 2007 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS LMH6580
1 VPP Frequency Response
1 VPP Frequency Response
Figure 1.
Figure 2.
1 VPP Frequency Response Broadcast
1 VPP Frequency Response Broadcast
Figure 3.
Figure 4.
Frequency Response 1 k
Ω Load
Frequency Response 1k
Ω Load
Figure 5.
Figure 6.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6580 LMH6581



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com