Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8SCR9 Datasheet(PDF) 39 Page - Texas Instruments

Part # COP8SCR9
Description  COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8SCR9 Datasheet(HTML) 39 Page - Texas Instruments

Back Button COP8SCR9 Datasheet HTML 35Page - Texas Instruments COP8SCR9 Datasheet HTML 36Page - Texas Instruments COP8SCR9 Datasheet HTML 37Page - Texas Instruments COP8SCR9 Datasheet HTML 38Page - Texas Instruments COP8SCR9 Datasheet HTML 39Page - Texas Instruments COP8SCR9 Datasheet HTML 40Page - Texas Instruments COP8SCR9 Datasheet HTML 41Page - Texas Instruments COP8SCR9 Datasheet HTML 42Page - Texas Instruments COP8SCR9 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
COP8SBR9, COP8SCR9, COP8SDR9
www.ti.com
SNOS537I – JUNE 2000 – REVISED MARCH 2013
Table 5-9. MICROWIRE/PLUS ISP Commands(1) (continued)
Command
Command
Function
Parameters
Return Data
Value (Hex)
READ_BYTE
Read Byte
0x1D
Address High, Address
Data Byte if Security not
Low
set. 0xFF if Security set.
Option Register if address
= 0xFFFF, regardless of
Security
BLOCKR
Block Read
0xA3
Address High, Address
n Data Bytes if Security
Low, Byte Count (n) High,
not set.
Byte Count (n) Low
n Bytes of 0xFF if Security
0
≤ n ≤ 32767
set.
WRITE_BYTE
Write Byte
0x71
Address High, Address
N/A
Low, Data Byte
BLOCKW
Block Write
0x8F
Address High, Address
N/A
Low, Byte Count (0
≤ n ≤
16), n Data Bytes
EXIT
EXIT
0xD3
N/A
N/A (Device will Reset)
INVALID
N/A
Any other invalid
N/A
command will be ignored
5.10.8 USER ISP AND VIRTUAL E
2
The following commands will support transferring blocks of data from RAM to flash program memory, and
vice-versa. The user is expected to enforce application security in this case.
•
Erase the entire flash program memory (mass erase). NOTE: Execution of this command will force the
device into the MICROWIRE/PLUS ISP mode.
•
Erase a page of flash memory at a specified address.
•
Read a byte from a specified address.
•
Write a byte to a specified address.
•
Copy a block of data from RAM into flash program memory.
•
Copy a block of data from program flash memory to RAM.
The following table lists the User ISP/Virtual E2 commands, required parameters and return data, if
applicable. The command entry point is used as an argument to the JSRB instruction. Table 5-11 lists the
Ram locations and Peripheral Registers, used for User ISP and Virtual E2, and their expected contents.
Please refer to the COP8 FLASH ISP User Manual for additional information and programming examples
on the use of User ISP and Virtual E2.
Table 5-10. User ISP/Virtual E2 Entry Points
Command/
Command
Function
Parameters
Return Data
Label
Entry Point
cpgerase
Page Erase
0x17
Register ISPADHI is loaded by the user with N/A (A page of memory beginning at
the high byte of the address.
ISPADHI, ISPADLO will be erased)
Register ISPADLO is loaded by the user
with the low byte of the address.
cmserase
Mass Erase
0x1A
Accumulator A contains the confirmation
N/A (The entire Flash Memory will be
key 0x55.
erased)
creadbf
Read Byte
0x11
Register ISPADHI is loaded by the user with Data Byte in Register ISPRD.
the high byte of the address.
Register ISPADLO is loaded by the user
with the low byte of the address.
Copyright © 2000–2013, Texas Instruments Incorporated
Functional Description
39
Submit Documentation Feedback
Product Folder Links: COP8SBR9 COP8SCR9 COP8SDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com