Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8AME9 Datasheet(PDF) 21 Page - Texas Instruments

Part # COP8AME9
Description  COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8AME9 Datasheet(HTML) 21 Page - Texas Instruments

Back Button COP8AME9 Datasheet HTML 17Page - Texas Instruments COP8AME9 Datasheet HTML 18Page - Texas Instruments COP8AME9 Datasheet HTML 19Page - Texas Instruments COP8AME9 Datasheet HTML 20Page - Texas Instruments COP8AME9 Datasheet HTML 21Page - Texas Instruments COP8AME9 Datasheet HTML 22Page - Texas Instruments COP8AME9 Datasheet HTML 23Page - Texas Instruments COP8AME9 Datasheet HTML 24Page - Texas Instruments COP8AME9 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
COP8AME9, COP8ANE9
www.ti.com
SNOS930F – MARCH 2001 – REVISED MARCH 2013
Case 2 shows a subsequent dip in the supply voltage which goes below the approximate 1.8V level. As VCC
drops below Vbor, the internal RESET signal is asserted. When VCC rises back above the 1.8V level, td is started.
Since the power supply rise time is longer for this case, td has expired before VCC rises above Vbor and tid starts
immediately when VCC is greater than Vbor.
Case 3 shows a dip in the supply where VCC drops below Vbor, but not below 1.8V. On-chip RESET is asserted
when VCC goes below Vbor and tid starts as soon as the supply goes back above Vbor.
The internal reset will not be turned off until the Idle Timer underflows. The internal reset will perform the same
functions as external reset. The device is ensured to operate at the specified frequency down to the specified
brownout voltage. After the underflow, the logic is designed such that no additional internal resets occur as long
as VCC remains above the brownout voltage.
The device is relatively immune to short duration negative-going VCC transients (glitches). It is essential that good
filtering of VCC be done to ensure that the brownout feature works correctly. Power supply decoupling is vital
even in battery powered systems.
Refer to the device specifications for the actual Vbor voltage.
Under no circumstances should the RESET pin be allowed to float. If the external Reset feature is not being
used, the RESET pin should be connected directly to VCC. The RESET input may also be connected to an
external pull-up resistor or to other external circuitry. The output of the brownout reset detector will always preset
the Idle Timer to a value between 00F0 and 00FF (240 to 256 tC). At this time, the internal reset will be
generated.
The contents of data registers and RAM are unknown following the on-chip reset.
Figure 10. Brownout Reset Operation
Figure 11. Reset Circuit Using Power-On Reset
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: COP8AME9 COP8ANE9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com