Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3202 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3202
Description  40-ns, microPOWER, Push-Pull Output Comparators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3202 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 3Page - Texas Instruments TLV3202 Datasheet HTML 4Page - Texas Instruments TLV3202 Datasheet HTML 5Page - Texas Instruments TLV3202 Datasheet HTML 6Page - Texas Instruments TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
0
5
10
15
20
25
30
35
Supply Current (µA)
G000
15
25
35
45
55
65
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
−40°C
25°C
125°C
G018
−30
−25
−20
−15
−10
−5
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
Common−Mode Input Voltage (V)
+ I
B
− I
B
IOS
VS=2.7V
G006
−20
−15
−10
−5
0
5
10
15
20
0
1
2
3
4
5
Common−Mode Input Voltage (V)
+ I
B
− I
B
IOS
VS= 5.5V
G006
50
60
70
80
90
100
110
−40 −25 −10
5
20
35
50
65
80
95
110 125
Temperature (°C)
CMRR at VCC = 2.7 V
CMRR at VCC = 5.0 V
PSRR
G006
0.1
1
10
100
1000
10000
−50
−25
0
25
50
75
100
125
Temperature (°C)
− I
B
+ I
B
IOS
G002
TLV3201
TLV3202
www.ti.com
SBOS561A – MARCH 2012 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VCC = +5 V, and input overdrive (VOD) = 20 mV, unless otherwise noted.
COMMON-MODE REJECTION RATIO AND POWER-
INPUT BIAS CURRENT AND INPUT OFFSET CURRENT vs
SUPPLY REJECTION RATIO vs TEMPERATURE
TEMPERATURE
Figure 7.
Figure 8.
INPUT BIAS CURRENT AND INPUT OFFSET CURRENT vs
INPUT BIAS CURRENT AND INPUT OFFSET CURRENT vs
COMMON-MODE INPUT VOLTAGE
COMMON-MODE INPUT VOLTAGE
Figure 9.
Figure 10.
QUIESCENT CURRENT DISTRIBUTION
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 11.
Figure 12.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com