Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFP2N08L Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # RFP2N08L
Description  N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

RFP2N08L Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  RFP2N08L Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. RFP2N08L Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - RFP2N08L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP2N08L INTERSIL-RFP2N08L Datasheet
35Kb / 5P
2A, 80V and 100V, 1.050 Ohm, Logic Level, N-Channel Power MOSFETs
July 1999
More results

Similar Description - RFP2N08L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
RFM8N18 ETC-RFM8N18 Datasheet
232Kb / 4P
N-CHANNEL LOGIC LEVEL POWER FIELD EFFECT TRANSISTORS
logo
NXP Semiconductors
BUK9615-100A PHILIPS-BUK9615-100A Datasheet
70Kb / 9P
N-Channel Enhancement mode logic Level field-Effect power Transistor
November 1999-Rev 1.000
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
New Jersey Semi-Conduct...
RFP12N08L NJSEMI-RFP12N08L Datasheet
101Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
RFL1N08L NJSEMI-RFL1N08L Datasheet
92Kb / 2P
N-Channel Logic Level Power Field-Effect Transistors (L2 FET)
2N6904 NJSEMI-2N6904 Datasheet
90Kb / 2P
N-Channel Logic Level Power MOS Field-Effect Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com