Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8341 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS8341
Description  16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8341 Datasheet(HTML) 3 Page - Texas Instruments

  ADS8341_14 Datasheet HTML 1Page - Texas Instruments ADS8341_14 Datasheet HTML 2Page - Texas Instruments ADS8341_14 Datasheet HTML 3Page - Texas Instruments ADS8341_14 Datasheet HTML 4Page - Texas Instruments ADS8341_14 Datasheet HTML 5Page - Texas Instruments ADS8341_14 Datasheet HTML 6Page - Texas Instruments ADS8341_14 Datasheet HTML 7Page - Texas Instruments ADS8341_14 Datasheet HTML 8Page - Texas Instruments ADS8341_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ADS8341
3
SBAS136D
ELECTRICAL CHARACTERISTICS: +5V
At TA = –40°C to +85°C, +VCC = +5V, VREF = +5V, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE = 2.4MHz, unless otherwise noted.
ADS8341E, P
ADS8341EB, PB
✻ Same specifications as ADS8341E.
NOTES: (1) LSB means Least Significant Bit. With VREF equal to +5.0V, one LSB is 76µV. (2) First five harmonics of the test frequency. (3) Auto power-down mode
(PD1 = PD0 = 0) active or SHDN = GND.
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
BITS
ANALOG INPUT
Full-Scale Input Span
Positive Input - Negative Input
0
VREF
✻✻
V
Absolute Input Range
Positive Input
–0.2
+VCC +0.2
✻✻
V
Negative Input
–0.2
+1.25
✻✻
V
Capacitance
25
pF
Leakage Current
±1
µA
SYSTEM PERFORMANCE
No Missing Codes
14
15
Bits
Integral Linearity Error
±8
±6LSB
Offset Error
±2
±1mV
Offset Error Match
1.2
4.0
✻✻
LSB(1)
Gain Error
±0.05
±0.024
%
Gain Error Match
1.0
4.0
✻✻
LSB
Noise
20
µVrms
Power-Supply Rejection
+4.75V < VCC < 5.25V
3
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
Clk Cycles
Acquisition Time
4.5
Clk Cycles
Throughput Rate
100
kHz
Multiplexer Settling Time
500
ns
Aperture Delay
30
ns
Aperture Jitter
100
ps
Internal Clock Frequency
SHDN = VDD
2.4
MHz
External Clock Frequency
0.024
2.4
✻✻
MHz
Data Transfer Only
0
2.4
✻✻
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion(2)
VIN = 5Vp-p at 10kHz
–90
dB
Signal-to-(Noise + Distortion)
VIN = 5Vp-p at 10kHz
86
dB
Spurious-Free Dynamic Range
VIN = 5Vp-p at 10kHz
92
dB
Channel-to-Channel Isolation
VIN = 5Vp-p at 50kHz
100
dB
REFERENCE INPUT
Range
0.5
+VCC
✻✻
V
Resistance
DCLK Static
5
G
Input Current
40
100
✻✻
µA
fSAMPLE = 12.5kHz
2.5
µA
DCLK Static
0.001
3
✻✻
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
Logic Levels
VIH
| IIH | ≤ +5µA
3.0
5.5
✻✻
V
VIL
| IIL | ≤ +5µA
–0.3
+0.8
✻✻
V
VOH
IOH = –250µA
3.5
V
VOL
IOL = 250µA
0.4
V
Data Format
Straight Binary
POWER SUPPLY REQUIREMENTS
+VCC
Specified Performance
4.75
5.25
✻✻
V
Quiescent Current
1.5
2.0
mA
fSAMPLE = 12.5kHz
300
µA
Power-Down Mode(3), CS = +VCC
3
µA
Power Dissipation
7.5
10
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com