Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WH0802A1 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH0802A1
Description  5x8 dots includes cursor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH0802A1 Datasheet(HTML) 1 Page - DB Lectro Inc

  WH0802A1 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13
15
16
OLED Display Font Table
English - Japanese Character Font
LLLL
LLLH
LLHL
LLHH
LHLL
LHLH
LHHL
LHHH
HLLL
HLLH
HLHL
HLHH
HHLL
HHLH
HHHL
HHHH
Upper
4 bit
Lower
4 bit
HHHH
( 1 )
( 2 )
( 3 )
( 4 )
( 5 )
( 6 )
( 7 )
( 8 )
( 1 )
( 2 )
( 3 )
( 4 )
( 5 )
( 6 )
( 7 )
( 8 )
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
English - Russian Character Font
LLLL
LLLH
LLHL
LLHH
LHLL
LHLH
LHHL
LHHH
HLLL
HLLH
HLHL
HLHH
HHLL
HHLH
HHHL
HHHH
Upper
4 bit
Lower
4 bit
HHHH
( 1 )
( 2 )
( 3 )
( 4 )
( 5 )
( 6 )
( 7 )
( 8 )
( 1 )
( 2 )
( 3 )
( 4 )
( 5 )
( 6 )
( 7 )
( 8 )
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
Western European Character Font I
LLLL
LLLH
LLHL
LLHH
LHLL
LHLH
LHHL
LHHH
HLLL
HLLH
HLHL
HLHH
HHLL
HHLH
HHHL
HHHH
Upper
4 bit
Lower
4 bit
HHHH
( 1 )
( 2 )
( 3 )
( 4 )
( 5 )
( 6 )
( 7 )
( 8 )
( 1 )
( 2 )
( 3 )
( 4 )
( 5 )
( 6 )
( 7 )
( 8 )
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
Western European Character Font II
LLLL
LLLH
LLHL
LLHH
LHLL
LHLH
LHHL
LHHH
HLLL
HLLH
HLHL
HLHH
HHLL
HHLH
HHHL
HHHH
Upper
4 bit
Lower
4 bit
HHHH
( 1 )
( 2 )
( 3 )
( 4 )
( 5 )
( 6 )
( 7 )
( 8 )
( 1 )
( 2 )
( 3 )
( 4 )
( 5 )
( 6 )
( 7 )
( 8 )
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
CG
RAM
ST 7066
WH0802A1
Ground
Supply Voltage for logic+5V
Operating voltage for LCD
H: DATA, L: Instruction code
H: Read(MPU→Module) L: Write(MPU→Module)
Chip enable signal
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
LED+
LED-
VSS
VDD
VO
RS
R/W
E
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
A
K
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Description
Symbol
Pin
NO.
PIN DETAIL
DOT SIZE
SCALE 5/1
15.095
27.81(AA)
10.0
38.0(VA)
7.4
43.2
58.0±0.5
2.5
53.0
29.0
4-Ø2.5 PTH
4-Ø5.0 PAD
K
A
16
2
1
15
16-Ø1.0 PTH
16-Ø1.8 PAD
2.54
1.7
0.59
2.96
0.60
0.56


Similar Part No. - WH0802A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH0802A ETC-WH0802A Datasheet
626Kb / 1P
8 X 2 CHARACTER
WH0802A-YYH-JT ETC-WH0802A-YYH-JT Datasheet
626Kb / 1P
8 X 2 CHARACTER
More results

Similar Description - WH0802A1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
WH1202A DBLECTRO-WH1202A Datasheet
728Kb / 2P
5x8 dots includes cursor
WH1601A DBLECTRO-WH1601A Datasheet
744Kb / 2P
5x8 dots includes cursor
WH1601B DBLECTRO-WH1601B Datasheet
692Kb / 2P
5x8 dots includes cursor
WH1602D DBLECTRO-WH1602D Datasheet
698Kb / 2P
5x8 dots includes cursor
WH1602M DBLECTRO-WH1602M Datasheet
725Kb / 2P
5x8 dots includes cursor
WH1602V2 DBLECTRO-WH1602V2 Datasheet
785Kb / 1P
5x8 dots includes cursor
WH1604A DBLECTRO-WH1604A Datasheet
767Kb / 2P
5x8 dots includes cursor
WH1604B DBLECTRO-WH1604B Datasheet
735Kb / 2P
5x8 dots includes cursor
WH1604E DBLECTRO-WH1604E Datasheet
405Kb / 2P
5x8 dots includes cursor
WH2004D DBLECTRO-WH2004D Datasheet
856Kb / 2P
5x8 dots includes cursor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com