Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT85 Datasheet(PDF) 2 Page - General Semiconductor

Part # BAT85
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAT85 Datasheet(HTML) 2 Page - General Semiconductor

  BAT85 Datasheet HTML 1Page - General Semiconductor BAT85 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
BAT85
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
tested with 10
µA Pulses
V(BR)R
30
––V
Forward Voltage
Pulse Test tp < 300 µs, δ < 2%
at IF = 0.1 mA
at IF = 1 mA
at IF = 10 mA
at IF = 30 mA
at IF = 100 mA
VF
VF
VF
VF
VF
0.5
0.24
0.32
0.4
0.8
V
V
V
V
V
Leakage Current
at VR = 25 V
IR
––2
µA
Capacitance
at VR = 1 V, f = 1 MHz
Ctot
––10
pF
Thermal Resistance
Junction to Ambient Air
RthJA
––0.431)
K/mW
Reverse Recovery Time
from IF = 10 mA to IR = 10 mA to IR = 1 mA
trr
––5ns
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com