Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WH1602V2 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH1602V2
Description  5x8 dots includes cursor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH1602V2 Datasheet(HTML) 1 Page - DB Lectro Inc

  WH1602V2 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WH1602T Character 16x2
1. 5x8 dots includes cursor
2. Built-in controller (ST 7066 or Equivalent)
3. 1/16 duty cycle
4. +5V power supply
5. White LED B/L not available
Item
2.67x5.57
----
54.8x19.0
65.4x28.2
Standard Value
Unit
mm
mm
mm
mm
Note: VSS=0 Volt , VDD=5.0 Volt .
Item
Power Supply
Input Voltage
VDD-VSS
VI
Symbol
min.
Standard Value
typ.
max.
7.0
-0.3
Vss
VDD
V
V
Unit
Symbol
Item
VDD
IDD
VDD-VO
IEF
IF
VF
Standard Value
min.
typ.
max. Unit
Condition
VDD=5V
-20ºC
0ºC
25ºC
50ºC
70ºC
25ºC
25ºC
VDD=+5V
Vel=110VAC;400Hz
Array
Edge
V
mA
V
V
mA
mA
mA
---
4.5
5.0
5.5
---
---
1.2
4.5
4.2
3.8
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
5.0
1.9
2.0
2.2
16
18
20
---
---
---
Module Dimension
Viewing Area
Mounting hole
Character Size
Recommended LC Driving
Voltage for Normal Temp.
Version module
Supply Current
Input Voltage
LED Forward Voltage
LED Forward Current
EL Power Supply Current
16
15
14
12 13
3
2
1
11
10
9
8
7
6
5
4
00
40
01 02
0F
0E
41 42
4E 4F
65.4±0.5
5.8 MAX
DOT SIZE
SCALE3/1
3.05
0.54
0.51
2.67
8.49
5.3
1.2
63.0
54.8(VA)
48.42(AA)
15±1.0
4.0
4.0
(Reinforceing layer)
29.0±2.0
WH1602V2 Character 16x2
1. 5x8 dots includes cursor
2. Built-in controller (ST 7066 or Equivalent)
3. +5.0V power supply
4.1/16 duty cycle
Item
Module Dimension
Viewing Area
LCD size
Character Size
66.7x23.3
2.95x5.55
61.0x15.9
69.0x29.2
Standard Value
Unit
mm
mm
mm
mm
Note: VSS=0 Volt , VDD=5.0 Volt .
Item
Power Supply
Input Voltage
VDD-VSS
VI
Symbol
min.
Standard Value
typ.
max.
7.0
-0.3
-0.3
VDD
V
V
Unit
Symbol
Function
Pin
NO.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
Recommended LC Driving
Voltage for Normal Temp.
Version module
Supply Current
Input Voltage
Item
Symbol
VDD
IDD
VDD-VO
LED Forward Voltage
LED Forward Current
EL Power Supply Current
IEF
IF
VF
Standard Value
min.
typ.
max. Unit
Condition
VDD=5V
-20ºC
0ºC
25ºC
50ºC
70ºC
25ºC
25ºC
---
Vel=110VAC;400Hz
V
mA
V
V
mA
mA
---
4.7
5.0
5.3
---
1.2
1.0
4.5
5.0
4.6
4.1
3.9
5.1
4.8
4.2
3.9
4.3
4.5
4.7
5.2
---
---
---
---
---
---
---
---
---
---
5.7
3.7
VDD
VSS
RS
E
R/W
VO
DB1
DB3
DB2
DB5
DB7
DB6
DB4
K
A
DB0
Ground
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
Data bus line
H: Data
L: Instruction
Enable signal
H: read data L: write data
Contrast Adjustment
Supply voltage for logic
LED +
LED -
DOT SIZE
SCALE 5/1
3.55
2.95
0.60
0.55
16
1
16
1
16
1
69.0±0.3BL
1.15
66.70±0.2LCD
4.0
61.0(VA)
6.4
56.2(AA)
67.2
3.4
1.5
4.0
6.5MAX
0.5±0.5
0.5±0.5
2.0
65.0
110.0 ±0.5
69.0PCB
59.0
0.5
3.0
50.25
9.50
Contact side
Supporting tape
Character
type
Character
type
31
32


Similar Part No. - WH1602V2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH1602 ETC-WH1602 Datasheet
296Kb / 1P
CHARACTER 16 X 2
WH1602 ETC-WH1602 Datasheet
288Kb / 1P
CHARACTER 16 X 2
logo
Superworld Electronics
WH160200 SUPERWORLD-WH160200 Datasheet
140Kb / 3P
Linear Adaptors
logo
DB Lectro Inc
WH1602A DBLECTRO-WH1602A Datasheet
749Kb / 2P
5x8 dots includes cursor
WH1602B DBLECTRO-WH1602B Datasheet
774Kb / 2P
5x8 dots includes cursor
More results

Similar Description - WH1602V2

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
WH1202A DBLECTRO-WH1202A Datasheet
728Kb / 2P
5x8 dots includes cursor
WH1601A DBLECTRO-WH1601A Datasheet
744Kb / 2P
5x8 dots includes cursor
WH1601B DBLECTRO-WH1601B Datasheet
692Kb / 2P
5x8 dots includes cursor
WH1602A DBLECTRO-WH1602A Datasheet
749Kb / 2P
5x8 dots includes cursor
WH1602D DBLECTRO-WH1602D Datasheet
698Kb / 2P
5x8 dots includes cursor
WH1602M DBLECTRO-WH1602M Datasheet
725Kb / 2P
5x8 dots includes cursor
WH1604A DBLECTRO-WH1604A Datasheet
767Kb / 2P
5x8 dots includes cursor
WH1604B DBLECTRO-WH1604B Datasheet
735Kb / 2P
5x8 dots includes cursor
WH1604E DBLECTRO-WH1604E Datasheet
405Kb / 2P
5x8 dots includes cursor
WH2004D DBLECTRO-WH2004D Datasheet
856Kb / 2P
5x8 dots includes cursor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com