Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOS1 Datasheet(PDF) 1 Page - KOA Speer Electronics, Inc.

Part # MOS1
Description  reduced size metal oxide power type leaded resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

MOS1 Datasheet(HTML) 1 Page - KOA Speer Electronics, Inc.

  MOS1 Datasheet HTML 1Page - KOA Speer Electronics, Inc. MOS1 Datasheet HTML 2Page - KOA Speer Electronics, Inc. MOS1 Datasheet HTML 3Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For further information
on packaging, please
refer to Appendix C.
MOS
reduced size metal oxide power type
leaded resistor
features
• Small size power type resistor
• Coated with UL94V0 equivalent
flameproof material
• Suitable for automatic machine insertion
• Marking: Pink body color with color-coded bands
or alpha-numeric black marking
• Products with lead-free terminations meet EU RoHS
and China RoHS requirements
• Surface mount style “N” forming is suitable for
automatic mounting
Axial: T26, T52, T521,
T631
Stand-off Axial: L52,
L521, L631
Radial: VTP, VTE, GT,
GT4
L, U, M, N Forming
ordering information
±2%, ±5%: 2 significant
figures + 1 multiplier
“R” indicates decimal
on value <10Ω
±1%: 3 significant
figures + 1 multiplier
“R” indicates decimal
on value <100Ω
1/2: 0.5W
1: 1W
2: 2W
3: 3W
5: 5W
C: SnCu
MOS
MOSX
F: ±1%
G: ±2%
J: ±5%
MOS
1/2
C
Termination
Material
Type
Power
Rating
Nominal
Resistance
Tolerance
Taping and Forming
New Part #
T52
103
A: Ammo
R: Reel
TEB: Plastic
embossed
(N forming)
Packaging
A
J
dimensions and construction
d
D
Marking
Flame Retardant Coating
End
Cap
Lead
Wire
L
l
C
Ceramic Body
L
.024
(0.6)
.031
(0.8)
1.18±.118
(30.0±3.0)
1.50±.118
(38.0±3.0)
.098±.02
(2.5±0.5)
.118±.02
(3.0±0.5)
.157±.02
(4.0±0.5)
.236±.039
(6.0±1.0)
.354±.039
(9.0±1.0)
.280
(7.1)
.437
(11.1)
.591
(15.0)
.709
(18.0)
1.10
(28.0)
.244±.02
(6.2±0.5)
.354±.039
(9.0±1.0)
.472±.039
(12.0±1.0)
.610±.039
(15.5±1.0)
.965±.039
(24.5±1.0)
MOS1/2
MOSX1/2
MOS1
MOSX1
MOS2
MOSX2
MOS3
MOSX3
MOS5
MOSX5
Type
C (max.)
D
d (nom.)
l*
Dimensions inches
(mm)
.945 Min.
(24.0 Min.)
EU
135
KOA Speer Electronics, Inc. • 199 Bolivar Drive • Bradford, PA 16701 • USA • 814-362-5536 • Fax: 814-362-8883 • www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/18/12
* Lead length changes depending on taping and forming type.


Similar Part No. - MOS1

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MOS1 KOA-MOS1 Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
MOS1/2 KOA-MOS1/2 Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
MOS1/2C KOA-MOS1/2C Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
MOS1/2CT52A103F KOA-MOS1/2CT52A103F Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
MOS1/2CT52A103G KOA-MOS1/2CT52A103G Datasheet
658Kb / 4P
POWER TYPE
Oct. 2020
More results

Similar Description - MOS1

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MO1CT52A KOA-MO1CT52A Datasheet
100Kb / 2P
metal oxide power type leaded resistor
MOS1CT26 KOA-MOS1CT26 Datasheet
96Kb / 2P
reduced size metal oxide power type leaded resistor
logo
IRC - a TT electronics ...
CMO IRCTT-CMO Datasheet
184Kb / 4P
Commercial Grade Metal Oxide Resistor
logo
Vishay Siliconix
WK202070C1001FD500 VISHAY-WK202070C1001FD500 Datasheet
130Kb / 5P
High Power Metal Oxide Leaded Resistors
26-May-10
logo
KOA Speer Electronics, ...
MO1CT52A473J KOA-MO1CT52A473J Datasheet
387Kb / 2P
metal oxide power type leaded resistor
MOS12CT52A103J KOA-MOS12CT52A103J Datasheet
264Kb / 2P
reduced size metal oxide power type leaded resistor
logo
NIC-Components Corp.
NVR NIC-NVR Datasheet
1Mb / 18P
Leaded Metal Oxide Varistors
logo
List of Unclassifed Man...
RSMF2JB10R0 ETC2-RSMF2JB10R0 Datasheet
205Kb / 4P
General Purpose Metal Oxide Resistor
logo
Vishay Siliconix
WK VISHAY-WK_15 Datasheet
124Kb / 5P
High Power Metal Oxide Leaded Resistors
29-Oct-14
logo
Stackpole Electronics, ...
RSF SEI-RSF Datasheet
597Kb / 9P
General Purpose Metal Oxide Resistor
3/3/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com