Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB18C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMB18C
Description  Self-contained AC-operated Convergent Mode Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMB18C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMB18C Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB18C Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MINI-BEAM
® Sensors SM2A312CV and SM2A312CV2
page
4
MINI-BEAM Dimension Information
MINI-BEAM AC Sensor with Integral Cable
MINI-BEAM AC Sensor with Quick-Disconnect
MINI-BEAM AC Hookup Diagrams
AC Sensors with Attached Cable
AC Sensors with Quick Disconnect
(3-Pin Micro-Style)
bn
bu
Load
24-240V ac
rd/bk
gn
rd/wh
Load
24-240V ac
Quick Disconnect (QD) Option
AC MINI-BEAM sensors are sold with either a 2 m (6.5 ft)
or a 9 m (30 ft) attached PVC-covered cable, or with a 3-pin
micro-style QD cable fitting.
AC QD sensors are identified by the letters “QD” in their
model number suffix. For more information on mating QD
cables, see page 5.
3-Pin Micro-Style Pin-out
(Cable Connector Shown)
Green Wire
Red/Black
Wire
Red/White
Wire
12.2 mm (0.48 in)
Mounting Peg
(ø 6.3 mm x 2.5 mm)
ø 3 mm Clearance (2)
M18 x 1 x 15 mm Thread
(Mounting Nut Supplied)
3.2 mm
(0.13 in)
27.4 mm (1.08 in)
30.7 mm
(1.21 in)
24.1 mm
(0.95 in)
19.1 mm
(0.75 in)
66.0 mm
(2.60 in)
2 m (6.5 ft) Cable
1/2-20 UNF Thread
Quick Disconnect
20.0 mm
(0.79 in)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com