Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RU0089F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RU0089F
Description  CENTERTAP RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RU0089F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RU0089F Datasheet HTML 1Page - Solid States Devices, Inc RU0089F Datasheet HTML 2Page - Solid States Devices, Inc RU0089F Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0089F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR646CTM, Z, & J
thru
SDR647CTM, Z, & J
Electrical Characteristic
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 μsec Pulse)
IF = 10A
IF = 20 A
VF1
VF2
––
1.28
1.50
VDC
Instantaneous Forward Voltage Drop
(IF = 10A, 300 μsec Pulse)
TA = -55 ºC
TA = 100 ºC
VF3
VF4
––
1.35
1.17
VDC
Reverse Leakage Current
(80% of rated VR, 300 μs pulse min.)
TA = 25 ºC
TA = 100 ºC
IR1
IR2
––
––
50
5.0
μA
mA
Reverse Recovery Time
(I
F = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC)
tRR
––
60
nsec
Junction Capacitance
(VR = 10VDC, TA = 25ºC, f = 1MHz)
CJ
––
70
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Both Legs Tied Together.
4/ Per Leg.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com