Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC327 Datasheet(PDF) 2 Page - General Semiconductor

Part # BC327
Description  Small Signal Transistors (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC327 Datasheet(HTML) 2 Page - General Semiconductor

  BC327 Datasheet HTML 1Page - General Semiconductor BC327 Datasheet HTML 2Page - General Semiconductor BC327 Datasheet HTML 3Page - General Semiconductor BC327 Datasheet HTML 4Page - General Semiconductor BC327 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at –VCE = 1 V, –IC = 100 mA
Current Gain Group-16
-25
-40
at –VCE = 1 V, –IC = 300 mA
Current Gain Group-16
-25
-40
hFE
hFE
hFE
hFE
hFE
hFE
100
160
250
60
100
170
160
250
400
130
200
320
250
400
630
–
–
–
–
–
–
–
–
–
Thermal Resistance Junction to Ambient Air
RthJA
–
–
2001)
K/W
Collector-Emitter Cutoff Current
at –VCE = 45 V
BC327
at –VCE = 25 V
BC328
at –VCE = 45 V, Tamb = 125 °C
BC327
at –VCE = 25 V, Tamb = 125 °C
BC328
–ICES
–ICES
–ICES
–ICES
–
–
–
–
2
2
–
–
100
100
10
10
nA
nA
µA
µA
Collector-Emitter Breakdown Voltage
at –IC = 10 mA
BC327
BC328
–
V(BR)CEO
–
V(BR)CEO
45
25
–
–
–
–
V
V
Collector-Emitter Breakdown Voltage
at –IC = 0.1 mA
BC327
BC328
–
V(BR)CES
–
V(BR)CES
50
30
–
–
–
–
V
V
Emitter-Base Breakdown Voltage
at –IE = 0.1 mA
–
V(BR)EBO
5––
V
Collector Saturation Voltage
at –IC = 500 mA, –IB = 50 mA
–VCEsat
––0.7
V
Base-Emitter Voltage
at –VCE = 1 V, –IC = 300 mA
–VBE
––1.2
V
Gain-Bandwidth Product
at –VCE = 5 V, –IC = 10 mA, f = 50 MHz
fT
–
100
–
MHz
Collector-Base Capacitance
at –VCB = 10 V, f = 1 MHz
CCBO
–12
–
pF
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
BC327, BC328



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com