Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV762MA Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMV762MA
Description  LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV762MA Datasheet(HTML) 2 Page - Texas Instruments

  LMV762MA Datasheet HTML 1Page - Texas Instruments LMV762MA Datasheet HTML 2Page - Texas Instruments LMV762MA Datasheet HTML 3Page - Texas Instruments LMV762MA Datasheet HTML 4Page - Texas Instruments LMV762MA Datasheet HTML 5Page - Texas Instruments LMV762MA Datasheet HTML 6Page - Texas Instruments LMV762MA Datasheet HTML 7Page - Texas Instruments LMV762MA Datasheet HTML 8Page - Texas Instruments LMV762MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2.5
3
3.5
4
4.5
5
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
VCC (V)
125°
C
-40°C
85°C
25°C
VIN
R1
R2
VREF
VCC
VOUT
+
-
C1 =
0.1µF
SD
LMV761, LMV762
SNOS998H – FEBRUARY 2002 – REVISED MARCH 2013
www.ti.com
Typical Circuit
Figure 1. Threshold Detector
Figure 2. VOS vs. VCC
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMV761 LMV762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com