Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR331-3-153 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR331-3-153
Description  SMD INDUCTOR DR331-3 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-3-153 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-3-153 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 2, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
.510 MAX.
12,95
.138 MAX.
3,50
.370 MAX.
9,40
.300
7,62
.100
2,54
.115
2,92
.290
7,37
.110
2,79
XXX
SUGGESTED PAD LAYOUT
ELECTRICAL SPECIFICATIONS AT 25°C
DCR
I rms (A)
I sat (A)
SRF
Part No.
Inductance (
H)
±20%
(
) Max.
Max. (Note 3)
Max. (Note 2)
(MHz) REF.
DR331-3-103
10
0.11
2.0
2.4
35
DR331-3-153
15
0.15
1.5
2.0
33
DR331-3-223
22
0.23
1.3
1.6
25
DR331-3-333
33
0.30
1.1
1.4
19
DR331-3-473
47
0.39
0.8
1.0
14
DR331-3-683
68
0.66
0.7
0.9
12
DR331-3-104
100
0.84
0.6
0.7
10
DR331-3-154
150
1.20
0.5
0.6
8.0
DR331-3-224
220
1.90
0.4
0.5
6.0
DR331-3-334
330
2.70
0.3
0.4
5.0
DR331-3-474
470
4.00
0.2
0.3
4.0
DR331-3-684
680
5.30
0.1
0.2
3.0
DR331-3-105
1000
8.40
0.05
0.1
2.5
MECHANICAL SPECIFICATIONS
SMD INDUCTOR DR331-3 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 10µH to 1000µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 8)
1
2
SCHEMATIC
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,25
2.
Isat based on the inductance being 90% of its
initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging, 1000 pcs / reel.
5.
Inductance tested at 0.1 Vrms @ 100 kHz
6.
Terminal finish is compliant to RoHS
requirements
7.
Solder in accordance with J-STD-002 Rev. D
8.
Non-RoHS series parts 42-331-3-XXX are
finished with leaded solder Sn60Pb40 or
equivalent


Similar Part No. - DR331-3-153

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-3-153 DATATRONICS-DR331-3-153 Datasheet
75Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR331-3-153

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-1 DATATRONICS-DR331-1_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-1 SERIES
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR331-2 SERIES
DR331-4 DATATRONICS-DR331-4_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR331-4 SERIES
DR331-5 DATATRONICS-DR331-5_14 Datasheet
82Kb / 1P
SMD INDUCTOR DR331-5 SERIES
DR331-6 DATATRONICS-DR331-6_14 Datasheet
76Kb / 1P
SMD INDUCTOR DR331-6 SERIES
DR331-7 DATATRONICS-DR331-7_14 Datasheet
80Kb / 2P
SHIELDED SMD INDUCTOR DR331-7 SERIES
DR331-8 DATATRONICS-DR331-8_14 Datasheet
71Kb / 1P
SHIELDED SMD INDUCTOR DR331-8 SERIES
DR331-9 DATATRONICS-DR331-9_14 Datasheet
94Kb / 1P
SHIELDED SMD INDUCTOR DR331-9 SERIES
DR349-3 DATATRONICS-DR349-3_14 Datasheet
59Kb / 2P
SMD INDUCTOR DR349-3 SERIES
DR353-3 DATATRONICS-DR353-3_14 Datasheet
88Kb / 2P
SMD INDUCTOR DR353-3 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com