Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC548 Datasheet(PDF) 2 Page - General Semiconductor

Part # BC548
Description  Small Signal Transistors (NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC548 Datasheet(HTML) 2 Page - General Semiconductor

  BC548 Datasheet HTML 1Page - General Semiconductor BC548 Datasheet HTML 2Page - General Semiconductor BC548 Datasheet HTML 3Page - General Semiconductor BC548 Datasheet HTML 4Page - General Semiconductor BC548 Datasheet HTML 5Page - General Semiconductor BC548 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
h-Parameters at VCE = 5 V, IC = 2 mA,
f = 1 kHz,
Small Signal Current Gain
Current Gain Group A
B
C
Input Impedance
Current Gain Group A
B
C
Output Admittance
Current Gain Group A
B
C
Reverse Voltage Transfer Ratio
Current Gain Group A
B
C
hfe
hfe
hfe
hie
hie
hie
hoe
hoe
hoe
hre
hre
hre
–
–
–
1.6
3.2
6
–
–
–
–
–
–
220
330
600
2.7
4.5
8.7
18
30
60
1.5 · 10–4
2 · 10–4
3 · 10–4
–
–
–
4.5
8.5
15
30
60
110
–
–
–
–
–
–
k
Ω
k
Ω
k
Ω
µS
µS
µS
–
–
–
DC Current Gain
at VCE = 5 V, IC = 10µA
Current Gain Group A
B
C
at VCE = 5 V, IC = 2 mA
Current Gain Group A
B
C
at VCE = 5 V, IC = 100 mA
Current Gain Group A
B
C
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
hFE
–
–
–
110
200
420
–
–
–
90
150
270
180
290
500
120
200
400
–
–
–
220
450
800
–
–
–
–
–
–
–
–
–
–
–
–
Thermal Resistance Junction to Ambient Air
RthJA
–
–
2501)
K/W
Collector Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VCEsat
VCEsat
–
–
80
200
200
600
mV
mV
Base Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
at IC = 100 mA, IB = 5 mA
VBEsat
VBEsat
–
–
700
900
–
–
mV
mV
Base-Emitter Voltage
at VCE = 5 V, IC = 2 mA
at VCE = 5 V, IC = 10 mA
VBE
VBE
580
–
660
–
700
720
mV
mV
Collector-Emitter Cutoff Current
at VCE = 80 V
BC546
at VCE = 50 V
BC547
at VCE = 30 V
BC548, BC549
at VCE = 80 V, Tj = 125 °C
BC546
at VCE = 50 V, Tj = 125 °C
BC547
ICES
ICES
ICES
ICES
ICES
–
–
–
–
–
0.2
0.2
0.2
–
–
15
15
15
4
4
nA
nA
nA
µA
µA
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case
BC546 THRU BC549



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com