Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC549 Datasheet(PDF) 3 Page - General Semiconductor

Part # BC549
Description  Small Signal Transistors (NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC549 Datasheet(HTML) 3 Page - General Semiconductor

  BC549 Datasheet HTML 1Page - General Semiconductor BC549 Datasheet HTML 2Page - General Semiconductor BC549 Datasheet HTML 3Page - General Semiconductor BC549 Datasheet HTML 4Page - General Semiconductor BC549 Datasheet HTML 5Page - General Semiconductor BC549 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
at VCE = 30 V, Tj = 125 °C
BC548, BC549
ICES
––4
4
µA
µA
Gain-Bandwidth Product
at VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
–
300
–
MHz
Collector-Base Capacitance
at VCB = 10 V, f = 1 MHz
CCBO
–3.5
6pF
Emitter-Base Capacitance
at VEB = 0.5 V, f = 1 MHz
CEBO
–9–pF
Noise Figure
at VCE = 5 V, IC = 200 µA, RG = 2 kΩ,
f = 1 kHz,
∆f = 200 Hz
BC546, BC547
BC548
BC549
at VCE = 5 V, IC = 200 µA, RG = 2 kΩ,
f = 30…15000 Hz
BC549
F
F
F
–
–
–
2
1.2
1.4
10
4
4
dB
dB
dB
BC546 THRU BC549
RATINGS AND CHARACTERISTIC CURVES BC546 THRU BC549



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com