Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC849B Datasheet(PDF) 3 Page - General Semiconductor

Part # BC849B
Description  Small Signal Transistors (NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC849B Datasheet(HTML) 3 Page - General Semiconductor

  BC849B Datasheet HTML 1Page - General Semiconductor BC849B Datasheet HTML 2Page - General Semiconductor BC849B Datasheet HTML 3Page - General Semiconductor BC849B Datasheet HTML 4Page - General Semiconductor BC849B Datasheet HTML 5Page - General Semiconductor BC849B Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
66
BC846 THRU BC849
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Capacitance
at VCB = 10 V, f = 1 MHz
CCBO
–3.5
6
pF
Emitter-Base Capacitance
at VEB = 0.5 V, f = 1 MHz
CEBO
–9
–
pF
Noise Figure
at VCE = 5 V, IC = 200 µA, RG = 2 kΩ,
f = 1 kHz,
∆f = 200 Hz BC846, BC847, BC848
BC849
at VCE = 5 V, IC = 200 µA, RG = 2 kΩ,
f = 30 …15 000 Hz
BC849
F
F
F
–
–
–
2
1.2
1.4
10
4
4
dB
dB
dB
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com