Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB-C131 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDB-C131
Description  Silicon Photodiode, Blue Enhanced Photoconductive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDB-C131 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDB-C131 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRO-OPTICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
SYMBOL CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
I
SC
Short Circuit Current
H = 100 fc, 2850 K
8
10
m A
I
D
Dark Current
H = 0, V
R = 10 V
2
10
nA
R
SH
Shunt Resistance
H = 0, V
R = 10 mV
.5
5
G
Ω
TC R
SH
RSH Temp. Coefficient
H = 0, V
R = 10 mV
-8
% / oC
C
J
Junction Capacitance
H = 0, V
R = 10 V*
2
5
pF
λrange
Spectral Application Range (without daylight filter)**
400
1100
nm
λp
Spectral Response - Peak
950
nm
V
BR
Breakdown Voltage
I = 10
mA
50
100
V
NEP
Noise Equivalent Power
V
R = 10 V @ Peak
1.5x10-13
W/
Hz
tr
Response Time
RL = 1 K
Ω V
R = 10 V
5
nS
ABSOLUTE MAXIMUM RATING (TA=25OC unless otherwise noted)
SYMBOL
PARAMETER
MIN
MAX
UNITS
V
BR
Reverse Voltage
100
V
T
STG
Storage Temperature
-40
+100
OC
T
O
Operating Temperature Range
-40
+80
OC
T
S
Soldering Temperature*
+260
OC
I
L
Light Current
0.5
mA
*1/16 inch from case for 3 secs max
FEATURES
Photoconductive
High speed
Low cost
Flat top, T1 package
Silicon Photodiode, Blue Enhanced Photoconductive
Type PDB-C131 , with daylight filter Type PDB-C131F
APPLICATIONS
Smoke detectors
Light pen detectors
TV & VCR remotes
IRDA sensor
Information in this technical data sheet is believed to be correct and reliable. However, no responsibility is assumed for possible inaccuracies or omission. Specifications
are subject to change without notice. *f = 1 MHz, ** daylight filter= 700 - 1100 nm
[FORM NO. 100-PDB-C131 REV A]
DESCRIPTION: The PDB-C131 detector is
a 0.65 mm2 planar pin photodiode packaged
in a T1 flat top , water clear plastic housing.
Designed for high speed, low capacitance,
photoconductive applications. The
PDB-C131F includes a daylight filter.
PACKAGE DIMENSIONS INCH [mm]
PHOTONIC
DETECTORS INC.
SPECTRAL RESPONSE
ACTIVE AREA = 0.65 mm2
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
*
QE=100%
WAVELENGTH (nm)
0.152
0.984 [25.00]
L
C
L
C
0.020 [0.51] SQ
2 PLACES
Ø0.118 [3.00]
[3.85]
CATHODE
ANODE
CLEAR PLASTIC
VIEWING
ANGLE
0.100 [2.54]
CHIP POSITION
ACTIVE AREA
SURFACE
Ø0.158 [4.02]
0.039 [1.00] MAX
0.059 [1.50]
0.100 [2.54]
0.030 [0.75]
65°
0.032 [0.81] SQ
0.038 [0.97] SQ
ACTIVE AREA
T 1 FLAT TOP PLASTIC PACKAGE


Similar Part No. - PDB-C131

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
PDB-C134 ADVANCEDPHOTONIX-PDB-C134 Datasheet
155Kb / 1P
Plastic Photodiode Package with Leads
logo
List of Unclassifed Man...
PDB-C134F ETC2-PDB-C134F Datasheet
144Kb / 1P
Plastic Photodiode Package with Visible Blocking Filter
logo
Advanced Photonix, Inc.
PDB-C134F ADVANCEDPHOTONIX-PDB-C134F Datasheet
92Kb / 1P
Plastic Photodiode Package with Visible Blocking Filter
logo
List of Unclassifed Man...
PDB-C139 ETC2-PDB-C139 Datasheet
143Kb / 1P
Plastic Photodiode Package with Leads
logo
Advanced Photonix, Inc.
PDB-C139 ADVANCEDPHOTONIX-PDB-C139 Datasheet
90Kb / 1P
Plastic Photodiode Package with Leads
More results

Similar Description - PDB-C131

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDB-C109 ETC2-PDB-C109 Datasheet
149Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
logo
Advanced Photonix, Inc.
PDB-C107 ADVANCEDPHOTONIX-PDB-C107 Datasheet
98Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C110 ADVANCEDPHOTONIX-PDB-C110 Datasheet
97Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C113 ADVANCEDPHOTONIX-PDB-C113 Datasheet
93Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C122 ADVANCEDPHOTONIX-PDB-C122 Datasheet
96Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C140 ADVANCEDPHOTONIX-PDB-C140 Datasheet
95Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C164 ADVANCEDPHOTONIX-PDB-C164 Datasheet
128Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C165 ADVANCEDPHOTONIX-PDB-C165 Datasheet
119Kb / 1P
Blue Enhanced Photoconductive Silicon Photodiode
logo
Luna Innovations Incorp...
PDB-C107 LUNA-PDB-C107 Datasheet
187Kb / 2P
Blue Enhanced Photoconductive Silicon Photodiode
PDB-C140 LUNA-PDB-C140 Datasheet
118Kb / 2P
Blue Enhanced Photoconductive Silicon Photodiode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com