Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH0034 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0034
Description  SCHOTTKY POWER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0034 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0034 Datasheet HTML 1Page - Solid States Devices, Inc SH0034 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR1510S.5
Electrical Characteristics 4/
Symbol
Min
Typ Max
Units
Instantaneous Forward Voltage Drop
IF = 1 A
IF = 5 A
IF = 10 A
IF = 15 A
VF1
VF2
VF3
VF4
––
460
600
710
850
––
635
––
890
mV
Instantaneous Forward Voltage Drop,
Tc= 125 oC
IF = 5 A
IF = 15 A
VF5
VF6
––
500
675
520
700
mV
Instantaneous Forward Voltage Drop,
Tc= -55 oC
IF = 5 A
IF = 15 A
VF7
VF8
––
625
825
––
mV
Reverse Leakage Current
VR = 100V
IR1
––
15
500
µA
Reverse Leakage Current, Tc= 75 oC
VR = 100V
IR2
––
500
––
µA
Reverse Leakage Current, Tc= 125 oC
VR = 100V
IR3
––
8
15
mA
Junction Capacitance
VR = 5V, f= 1 MHz
VR = 10V, f= 1 MHz
Cj1
Cj2
––
––
380
425
500
––
pF
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%.
4/ Unless Otherwise Specified, All Electrical Characteristics @25oC.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0034A
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com