Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDF1AM Datasheet(PDF) 1 Page - General Semiconductor

Part # EDF1AM
Description  MINIATURE GLASS PASSIVATED FAST EFFICIENT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

EDF1AM Datasheet(HTML) 1 Page - General Semiconductor

  EDF1AM Datasheet HTML 1Page - General Semiconductor EDF1AM Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EDF1AM THRU EDF1DM
MINIATURE GLASS PASSIVATED FAST EFFICIENT BRIDGE RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
♦ This series is UL listed under Recognized Component Index,
file number E54214
♦ Glass passivated chip junctions
♦ High forward surge current capability
♦ Ideal for printed circuit boards
♦ Superfast recovery times for high efficiency
♦ High temperature soldering guaranteed:
260°C/10 seconds at 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on body
Mounting Position: Any
Weight: 0.04 ounce, 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
EDF1AM
EDF1BM
EDF1CM
EDF1DM
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
106
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward output
rectified current at TA=40°C
I(AV)
1.0
Amp
Peak forward surge current single half sine-wave super-
imposed on rated load (JEDEC Method) TJ=150°C
IFSM
50.0
Amps
Rating for fusing (t < 8.3ms)
I2t
10.0
A2sec
Maximum instantaneous forward voltage drop
per leg at 1.0A
VF
1.05
Volts
Maximum reverse current
TA=25°C
5.0
µA
at rated DC blocking voltage
TA=125°C
IR
1.0
mA
Maximum reverse recovery time at (NOTE 1)
trr
50.0
ns
Typical thermal resistance per leg (NOTE 2)
R
ΘJA
38.0
R
ΘJL
12.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.51 x 0.51" (13 x 13mm) copper pads
0.315 (8.00)
0.285 (7.24)
0.013 (3.3)
0.0086 (0.22)
0.350 (8.9)
0.300 (7.6)
0.255 (6.5)
0.245 (6.2)
0.335 (8.51)
0.320 (8.12)
0.045 (1.14)
0.035 (0.89)
0.080 (2.03)
0.050 (1.27)
0.023 (0.58)
0.018 (0.46)
0.185 (4.69)
0.150 (3.81)
0.130 (3.3)
0.120 (3.05)
0.075 (1.90)
0.055 (1.39)
0.205 (5.2)
0.195 (5.0)
Case Style DFM
Dimensions in inches and (millimeters)
7/28/98


Similar Part No. - EDF1AM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EDF1AM VISHAY-EDF1AM Datasheet
95Kb / 4P
Miniature Glass Passivated Ultrafast Bridge Rectifier
14-Jan-08
EDF1AM VISHAY-EDF1AM Datasheet
89Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
EDF1AM-E3/45 VISHAY-EDF1AM-E3/45 Datasheet
79Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
16-Aug-13
EDF1AM VISHAY-EDF1AM_13 Datasheet
79Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
16-Aug-13
EDF1AM VISHAY-EDF1AM_V01 Datasheet
89Kb / 5P
Miniature Glass Passivated Ultrafast Bridge Rectifier
03-Sep-2020
More results

Similar Description - EDF1AM

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV26D GE-BYV26D Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
BYV27-50 GE-BYV27-50 Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
BYV28-50 GE-BYV28-50 Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EDF1AS GE-EDF1AS Datasheet
84Kb / 2P
MINIATURE GLASS PASSIVATED FAST EFFICIENT SURFACE MOUNT BRIDGE RECTIFIER
EGP20A GE-EGP20A Datasheet
61Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP30A GE-EGP30A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
FE1A GE-FE1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
FE3A GE-FE3A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
GI1001 GE-GI1001 Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
GI1101 NJSEMI-GI1101 Datasheet
431Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com