Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH0061B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0061B
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0061B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0061B Datasheet HTML 1Page - Solid States Devices, Inc SH0061B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0061B
DOC
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL
TYPICAL
MAXIMUM
UNIT
Instantaneous Forward Voltage Drop
(IF = 20 Adc, TA = 25°C, Pulse)
(IF = 30 Adc, TA = 25°C, Pulse)
(IF = 60 Adc, TA = 25°C, Pulse)
VF1
VF2
VF3
0.86
0.97
1.20
0.90
1.04
1.35
Vdc
Instantaneous Forward Voltage Drop
(IF = 20 Adc, TA = -55°C, Pulse)
(IF = 30 Adc, TA = -55°C, Pulse)
(IF = 60 Adc, TA = -55°C, Pulse)
VF4
VF5
VF6
0.90
1.00
1.24
0.98
1.10
1.43
Vdc
Instantaneous Forward Voltage Drop
(IF = 20 Adc, TA = 125°C, Pulse)
(IF = 30 Adc, TA = 125°C, Pulse)
(IF = 60 Adc, TA = 125°C, Pulse)
VF7
VF8
VF9
0.65
0.72
0.85
0.73
0.81
1.03
Vdc
Reverse Leakage Current
(Rated VR, TA = 25°C, Pulse)
IR1
20
250
μA
Reverse Leakage Current
(Rated VR, TA = 100°C, Pulse)
IR2
1.3
-
mA
Reverse Leakage Current
(Rated VR, TA = 125°C, Pulse)
IR3
4.5
15
mA
Junction Capacitance
(VR = 5 Vdc, TA = 25°C, f = 1 MHz)
CJ
375
450
pF
Case Outline - SMD.5
PIN OUT:
PIN 1 - ANODE 1
PIN 2 - CATHODE
PIN 3 - ANODE 2
Case Outline - Cerpack
PIN OUT:
PIN 1- ANODE 1
PIN 2 - ANODE 2
TAB - CATHODE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR3010 series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com