Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH0079A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0079A
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0079A Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0079A Datasheet HTML 1Page - Solid States Devices, Inc SH0079A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0079A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SSR10
__ __ __
│
│
│
│
│
│
│
└
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package G = Cerpack
S.5 = SMD.5
Voltage 150 = 150V, 200 = 200V
SSR10150G thru SSR10200G
and
SSR10150S.5 thru SSR10200S.5
10 AMPS
150 - 200 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Hermetically Sealed Package
Ultrasonic Aluminum Wire Bonds
Cerpack: 1.05 gr. (typ) / SMD.5: 0.95 gr. (typ)
Custom Lead Forming Available
TX, TXV, and Space Level Screening Available
- Consult Factory
2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SSR10150
SSR10200
VRRM
VRWM
VR
150
200
Volts
Average Rectified Forward Current (Resistive Load, 60 Hz, Sine Wave, T
A=25
oC) 4/
IO
10
Amps
Peak Surge Current (8.3 ms Pulse, Half Sine Wave, T
A=25
oC)
IFSM
100
Amps
Operating and Storage Temperature
TOP & TSTG -65 to +200
oC
Maximum Thermal Resistance
Junction to Case
RJC
3.0
oC/W
NOTES:
1/ For ordering information, price, operating curves, and availability - contact
factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Recovery conditions: IF = 0.5 Amp, IR = 1.0 Amp, rec. to 0.25 Amp.
4/ Legs 2 & 3 tied together.
Cerpack (G)
SMD.5 (S.5)


Similar Part No. - SH0079A

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0079A SSDI-SH0079A_15 Datasheet
91Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SH0079A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com