Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH0083B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0083B
Description  LOW LEAKAGE SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0083B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0083B Datasheet HTML 1Page - Solid States Devices, Inc SH0083B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0083B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SED70 __ 45 __
L
Screening
2/
___
= Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
L Configuration
KB = without lead
KE = with lead
KF = with lead reverse
SED70KB45
SED70KE45
SED70KF45
70 AMP
LOW LEAKAGE
SCHOTTKY RECTIFIER
45 VOLTS
FEATURES:
Low Reverse Leakage
Low Forward Voltage Drop
Hermetically Sealed Power Surface Mount
Package
Guard Ring for Overvoltage Protection
Eutectic Die Attach
175
oC Operating Temperature
TX, TXV, and Space Level Screening Available
2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse
and DC Blocking Voltage
VRRM
VRWM
VR
45
Volts
Average Rectified Forward Current
(Resistive load, 60 Hz, sine wave, TC = 100
oC)
IO
70
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave superimposed on IO, allow junction to
reach equilibrium between pulses, TA = 25
oC)
IFSM
400
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +175
oC
Maximum Thermal Resistance
Junction to Case
SED75KB45 & SED75KE45
SED75KF45
RJC
0.80
3.80
oC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and Availability –
Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
SEDPACK 2
KB Series
KE&KF Series


Similar Part No. - SH0083B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0083B SSDI-SH0083B_15 Datasheet
51Kb / 2P
LOW LEAKAGE SCHOTTKY RECTIFIER
More results

Similar Description - SH0083B

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD114222 SENSITRON-SHD114222 Datasheet
124Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236 Datasheet
121Kb / 3P
POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114234 SENSITRON-SHD114234_08 Datasheet
64Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114236 SENSITRON-SHD114236_08 Datasheet
64Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114436 SENSITRON-SHD114436_08 Datasheet
64Kb / 3P
POWER SCHOTTKY RECTIFIER Low Reverse Leakage
logo
Solid States Devices, I...
SH0083B SSDI-SH0083B_15 Datasheet
51Kb / 2P
LOW LEAKAGE SCHOTTKY RECTIFIER
logo
Central Semiconductor C...
CMPSH1-4LE CENTRAL-CMPSH1-4LE_15 Datasheet
505Kb / 2P
LOW LEAKAGE SILICON SCHOTTKY RECTIFIER
logo
ON Semiconductor
NTSV20H120ECT ONSEMI-NTSV20H120ECT Datasheet
108Kb / 5P
Low Leakage Trench-based Schottky Rectifier
November, 2014 ??Rev. 1
logo
Formosa MS
KLFM120-MHT FORMOSA-KLFM120-MHT Datasheet
64Kb / 7P
Chip Low Leakage Schottky Barrier Rectifier
KLFM07540-U FORMOSA-KLFM07540-U Datasheet
52Kb / 6P
Chip Low Leakage Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com