Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR353-2 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR353-2
Description  SMD INDUCTOR DR353-2 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR353-2 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR353-2_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
August 24, 2009
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
2.5
0.2
BOTTOM VIEW
2.0
0.3
0.7
Min.
FRONT VIEW
0.7
Min.
0.7
Min.
353-2
TOP VIEW
XXX
3.2
0.3
PCB SOLDER PAD LAYOUT (REF.)
SCHEMATIC
2
1
1.0
1.5
2.0
1.5
SMD INDUCTOR DR353-2 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 1.0µH to 560.0µH
Materials meet UL94V-0
Operating Temp. -25°C to + 85°C
Tinned Leads with Leaded Solder is Available (note 6)
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance (
H)
DCR
(
) Max.
I rated
(mA) Max.
SRF
(MHz) Min.
DR353-2-102
1.0
20%
@1MHz
0.078
1000
100
DR353-2-222
2.2
20%
@1MHz
0.126
790
64
DR353-2-472
4.7
20%
@1MHz
0.195
450
43
DR353-2-103
10
20%
@1MHz
0.572
300
26
DR353-2-223
22
20%
@1MHz
0.923
250
19
DR353-2-473
47
20%
@1MHz
1.69
170
15
DR353-2-104
100
10%
@1MHz
4.55
100
10
DR353-2-224
220
10%
@1MHz
10.92
70
6.8
DR353-2-334
330
10%
@1MHz
13.00
60
5.6
DR353-2-394
390
10%
@1MHz
22.10
60
5.0
DR353-2-474
470
10%
@1MHz
24.70
60
5.0
DR353-2-564
560
10%
@1MHz
28.60
60
5.0
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
0.2mm, unless other specified
3.
Irated for an approximate 40C temperature rise
4.
Irated for an approximate 20% drop maximum of the initial value
5.
Tape and reel quantity, 2000 pcs/reel
6.
For non-RoHS parts replace DR prefix with 42- (e.g. DR353-2 becomes 42-353-2)
7.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - DR353-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-2-103 DATATRONICS-DR353-2-103 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-2-104 DATATRONICS-DR353-2-104 Datasheet
86Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR353-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR331-2 SERIES
DR337-2 DATATRONICS-DR337-2_14 Datasheet
122Kb / 1P
SMD INDUCTOR DR337-2 SERIES
DR352-2 DATATRONICS-DR352-2_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR352-2 SERIES
DR353-1 DATATRONICS-DR353-1_14 Datasheet
88Kb / 2P
SMD INDUCTOR DR353-1 SERIES
DR353-3 DATATRONICS-DR353-3_14 Datasheet
88Kb / 2P
SMD INDUCTOR DR353-3 SERIES
DR353-4 DATATRONICS-DR353-4_14 Datasheet
81Kb / 1P
SMD INDUCTOR DR353-4 SERIES
DR353-5 DATATRONICS-DR353-5_14 Datasheet
85Kb / 2P
SMD INDUCTOR DR353-5 SERIES
DR353-6 DATATRONICS-DR353-6_14 Datasheet
81Kb / 1P
SMD INDUCTOR DR353-6 SERIES
DR354-2 DATATRONICS-DR354-2_14 Datasheet
156Kb / 2P
SMD INDUCTOR DR354-2 SERIES
DR355-2 DATATRONICS-DR355-2_14 Datasheet
78Kb / 1P
SMD INDUCTOR DR355-2 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com