Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC548CD Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC548CD
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC548CD Datasheet(HTML) 1 Page - Texas Instruments

  TLC548CD Datasheet HTML 1Page - Texas Instruments TLC548CD Datasheet HTML 2Page - Texas Instruments TLC548CD Datasheet HTML 3Page - Texas Instruments TLC548CD Datasheet HTML 4Page - Texas Instruments TLC548CD Datasheet HTML 5Page - Texas Instruments TLC548CD Datasheet HTML 6Page - Texas Instruments TLC548CD Datasheet HTML 7Page - Texas Instruments TLC548CD Datasheet HTML 8Page - Texas Instruments TLC548CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLC548C, TLC548I, TLC549C, TLC549I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS067C – NOVEMBER 1983 – REVISED SEPTEMBER 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Microprocessor Peripheral or Standalone
Operation
D 8-Bit Resolution A/D Converter
D Differential Reference Input Voltages
D Conversion Time ...17 µs Max
D Total Access and Conversion Cycles Per
Second
– TLC548...up to 45 500
– TLC549...up to 40 000
D On-Chip Software-Controllable
Sample-and-Hold Function
D Total Unadjusted Error... ±0.5 LSB Max
D 4-MHz Typical Internal System Clock
D Wide Supply Range...3 V to 6 V
D Low Power Consumption...15 mW Max
D Ideal for Cost-Effective, High-Performance
Applications including Battery-Operated
Portable Instrumentation
D Pinout and Control Signals Compatible
With the TLC540 and TLC545 8-Bit A/D
Converters and with the TLC1540 10-Bit
A/D Converter
D CMOS Technology
description
The TLC548 and TLC549 are CMOS analog-to-digital converter (ADC) integrated circuits built around an 8-bit
switched-capacitor successive-approximation ADC. These devices are designed for serial interface with a
microprocessor or peripheral through a 3-state data output and an analog input. The TLC548 and TLC549 use
only the input/output clock (I/O CLOCK) input along with the chip select (CS) input for data control. The
maximum I/O CLOCK input frequency of the TLC548 is 2.048 MHz, and the I/O CLOCK input frequency of the
TLC549 is specified up to 1.1 MHz.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
TLC548CD
TLC549CD
TLC548CP
TLC549CP
–40
°C to 85°C
TLC548ID
TLC549ID
TLC548IP
TLC549IP
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
REF +
ANALOG IN
REF –
GND
VCC
I/O CLOCK
DATA OUT
CS
D OR P PACKAGE
(TOP VIEW)


Similar Part No. - TLC548CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC548CD TI-TLC548CD Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548CD TI1-TLC548CD Datasheet
897Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548CDG4 TI1-TLC548CDG4 Datasheet
897Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548CDR TI-TLC548CDR Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548CDR TI1-TLC548CDR Datasheet
897Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results

Similar Description - TLC548CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC0831C TI-TLC0831C Datasheet
206Kb / 14P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI-TLC0834C Datasheet
226Kb / 15P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI-TLC548C Datasheet
167Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI-TLC0831C_08 Datasheet
386Kb / 16P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831 TI1-TLC0831 Datasheet
656Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0838INE4 TI-TLC0838INE4 Datasheet
782Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_14 Datasheet
915Kb / 21P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0834C TI1-TLC0834C_14 Datasheet
794Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC0831C TI1-TLC0831C_16 Datasheet
911Kb / 20P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
TLC548C TI1-TLC548C_16 Datasheet
897Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com