Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC549CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC549CD
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC549CD Datasheet(HTML) 5 Page - Texas Instruments

  TLC549CD Datasheet HTML 1Page - Texas Instruments TLC549CD Datasheet HTML 2Page - Texas Instruments TLC549CD Datasheet HTML 3Page - Texas Instruments TLC549CD Datasheet HTML 4Page - Texas Instruments TLC549CD Datasheet HTML 5Page - Texas Instruments TLC549CD Datasheet HTML 6Page - Texas Instruments TLC549CD Datasheet HTML 7Page - Texas Instruments TLC549CD Datasheet HTML 8Page - Texas Instruments TLC549CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLC548C, TLC548I, TLC549C, TLC549I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL
SLAS067C – NOVEMBER 1983 – REVISED SEPTEMBER 1996
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.75 V to 5.5 V, fclock(I/O) = 2.048 MHz for TLC548 or 1.1 MHz for TLC549
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VCC = 4.75 V, IOH = – 360 µA
2.4
V
VOL
Low-level output voltage
VCC = 4.75 V, IOL = 3.2 mA
0.4
V
IOZ
High impedance off state output current
VO = VCC,
CS at VCC
10
µA
IOZ
High-impedance off-state output current
VO = 0,
CS at VCC
–10
µA
IIH
High-level input current, control inputs
VI = VCC
0.005
2.5
µA
IIL
Low-level input current, control inputs
VI = 0
– 0.005
– 2.5
µA
II( )
Analog channel on-state input current during sample
Analog input at VCC
0.4
1
µA
II(on)
gg
cycle
Analog input at 0 V
– 0.4
–1
µA
ICC
Operating supply current
CS at 0 V
1.8
2.5
mA
ICC + Iref
Supply and reference current
Vref+ = VCC
1.9
3
mA
Ci
Input capacitance
Analog inputs
7
55
pF
Ci
Input capacitance
Control inputs
5
15
pF
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ = 4.75 V to 5.5 V, fclock(I/O) = 2.048 MHz for TLC548 or 1.1 MHz for TLC549
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC548
TLC549
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
EL
Linearity error
See Note 6
±0.5
±0.5
LSB
EZS
Zero-scale error
See Note 7
±0.5
±0.5
LSB
EFS
Full-scale error
See Note 7
±0.5
±0.5
LSB
Total unadjusted error
See Note 8
±0.5
±0.5
LSB
tconv
Conversion time
See Operating Sequence
8
17
12
17
µs
Total access and conversion time
See Operating Sequence
12
22
19
25
µs
ta
Channel acquisition time (sample cycle)
See Operating Sequence
4
4
I/O
clock
cycles
tv
Time output data remains
valid after I/O CLOCK
↓
10
10
ns
td
Delay time to data output valid
I/O CLOCK
↓
200
400
ns
ten
Output enable time
1.4
1.4
µs
tdis
Output disable time
150
150
ns
tr(bus)
Data bus rise time
See Figure 1
300
300
ns
tf(bus)
Data bus fall time
300
300
ns
† All typicals are at VCC = 5 V, TA = 25°C.
NOTES:
6. Linearity error is the deviation from the best straight line through the A/D transfer characteristics.
7. Zero-scale error is the difference between 00000000 and the converted output for zero input voltage; full-scale error is the difference
between 11111111 and the converted output for full-scale input voltage.
8. Total unadjusted error is the sum of linearity, zero-scale, and full-scale errors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com