Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR355-4 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR355-4
Description  SMD INDUCTOR DR355-4 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR355-4 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR355-4_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 12, 2011
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong
Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR355-4 SERIES
Features
Low Profile Surface Mount Design
Suitable for Reflow soldering
Inductance Range from 90nH to 538nH
Operating Temp. -40°C to +125°C
Tinned Leads with Leaded Solder is Available (note 3)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
INDUCTANCE
(nH)
@ 0A
Q Min.
Test Freq.
(MHz)
SPF (MHz)
Min.
DCR (m
)
MAX.
MAX. RATED
CURRENT
(A) (TYP.)
DR355-4-903
90
5%
95
50
1140
15.0
3.5
DR355-4-114
111
5%
87
50
1020
15.0
3.5
DR355-4-134
130
5%
87
50
900
20.0
3.0
DR355-4-174
169
5%
95
50
875
25.0
3.0
DR355-4-214
206
5%
95
50
800
30.0
3.0
DR355-4-224
222
5%
92
50
730
35.0
3.0
DR355-4-254
246
5%
95
50
685
35.0
3.0
DR355-4-314
307
5%
95
50
660
35.0
3.0
DR355-4-384
380
5%
95
50
590
50.0
2.5
DR355-4-424
422
5%
95
50
540
60.0
2.5
DR355-4-494
491
5%
95
50
535
65.0
2.0
DR355-4-544
538
5%
87
50
490
90.0
2.0
MECHANICAL OUTLINES
NOTE:
1.
All dimensions shown are in “mm”.
2.
Tape and reel quantity, 2000 pcs/reel
3.
For non-RoHS parts replace DR prefix with 42- (e.g. DR355-4 becomes 42-355-4)
4.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D


Similar Part No. - DR355-4_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR355-4-114 DATATRONICS-DR355-4-114 Datasheet
76Kb / 1P
SMD INDUCTOR
DR355-4-134 DATATRONICS-DR355-4-134 Datasheet
76Kb / 1P
SMD INDUCTOR
DR355-4-174 DATATRONICS-DR355-4-174 Datasheet
76Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR355-4_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4 DATATRONICS-DR331-4_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR331-4 SERIES
DR349-4 DATATRONICS-DR349-4_14 Datasheet
89Kb / 2P
SMD INDUCTOR DR349-4 SERIES
DR350-4 DATATRONICS-DR350-4_14 Datasheet
77Kb / 1P
SHIELDED SMD INDUCTOR DR350-4 SERIES
DR353-4 DATATRONICS-DR353-4_14 Datasheet
81Kb / 1P
SMD INDUCTOR DR353-4 SERIES
DR354-4 DATATRONICS-DR354-4_14 Datasheet
161Kb / 2P
SMD INDUCTOR DR354-4 SERIES
DR355-1 DATATRONICS-DR355-1_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR355-1 SERIES
DR355-2 DATATRONICS-DR355-2_14 Datasheet
78Kb / 1P
SMD INDUCTOR DR355-2 SERIES
DR355-3 DATATRONICS-DR355-3_14 Datasheet
82Kb / 1P
SMD INDUCTOR DR355-3 SERIES
DR356-4 DATATRONICS-DR356-4_14 Datasheet
86Kb / 1P
SMD INDUCTOR DR356-4 SERIES
DR357-4 DATATRONICS-DR357-4_14 Datasheet
102Kb / 1P
SHIELDED SMD INDUCTOR DR357-4 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com