Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR356-2 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR356-2
Description  SMD INDUCTOR DR356-2 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR356-2 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR356-2_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
August 26, 2009
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
.515 MAX.
13,10
.157 MAX.
4,00
.177
4,50
.197
5,00
.165
4,20
SUGGESTED PAD LAYOUT
.094 REF.
2,40
.118 REF.
3,00
1
2
2
1
DR356-2
XXX
D/C
.531 MAX.
13,50
PART NUMBER
INDUCTANCE (µH)
0.1V @ 100kHz
DCR (mΩ)
Max.
RATED DC CURRENT AMPS
Max.
DR356-2-251
0.25 ± 30%
1.0
40
DR356-2-601
0.6 ± 30%
2.5
30
DR356-2-122
1.2 ± 20%
3.4
22
DR356-2-182
1.8 ± 20%
12
12
DR356-2-272
2.7 ± 20%
14
10
MECHANICAL OUTLINES:
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance = Inches: ±0.010
= Millimeters: ±0,25
2.
Tape & Reel Packaging, 500 pieces per reel.
3.
For non-RoHS parts replace DR prefix with 42- (e.g. DR356-2 becomes 42-356-2)
4.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020D
SMD INDUCTOR DR356-2 SERIES
Features
Height: 4.0mm Max
Current Rating: up to 40 ADC
Operating Temperature: -40°C to +85°C
Inductance Range: 0.25µH to 2.7µH
Tinned Leads with Leaded Solder is Available (note 3)
Electrical Specifications @ 25ºC
SCHEMATIC
1
2


Similar Part No. - DR356-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR356-2-122 DATATRONICS-DR356-2-122 Datasheet
87Kb / 1P
SMD INDUCTOR
DR356-2-182 DATATRONICS-DR356-2-182 Datasheet
87Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR356-2_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR331-2 SERIES
DR337-2 DATATRONICS-DR337-2_14 Datasheet
122Kb / 1P
SMD INDUCTOR DR337-2 SERIES
DR349-2 DATATRONICS-DR349-2_14 Datasheet
87Kb / 2P
SMD INDUCTOR DR349-2 SERIES
DR352-2 DATATRONICS-DR352-2_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR352-2 SERIES
DR353-2 DATATRONICS-DR353-2_14 Datasheet
81Kb / 1P
SMD INDUCTOR DR353-2 SERIES
DR354-2 DATATRONICS-DR354-2_14 Datasheet
156Kb / 2P
SMD INDUCTOR DR354-2 SERIES
DR355-2 DATATRONICS-DR355-2_14 Datasheet
78Kb / 1P
SMD INDUCTOR DR355-2 SERIES
DR356-3 DATATRONICS-DR356-3_14 Datasheet
83Kb / 1P
SMD INDUCTOR DR356-3 SERIES
DR356-4 DATATRONICS-DR356-4_14 Datasheet
86Kb / 1P
SMD INDUCTOR DR356-4 SERIES
DR356-5 DATATRONICS-DR356-5_14 Datasheet
83Kb / 1P
SMD INDUCTOR DR356-5 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com