Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM293MDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM293MDREP
Description  DUAL DIFFERENTIAL COMPARATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM293MDREP Datasheet(HTML) 2 Page - Texas Instruments

  LM293MDREP Datasheet HTML 1Page - Texas Instruments LM293MDREP Datasheet HTML 2Page - Texas Instruments LM293MDREP Datasheet HTML 3Page - Texas Instruments LM293MDREP Datasheet HTML 4Page - Texas Instruments LM293MDREP Datasheet HTML 5Page - Texas Instruments LM293MDREP Datasheet HTML 6Page - Texas Instruments LM293MDREP Datasheet HTML 7Page - Texas Instruments LM293MDREP Datasheet HTML 8Page - Texas Instruments LM293MDREP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.ti.com
Symbol (Each Comparator)
IN+
IN–
OUT
Schematic (Each Comparator)
80 m A
CurrentRegulator
80 m A
60 m A
10 m A
V
CC
10 m A
OUT
GND
IN+
IN-
Epi-FET
Diodes
Resistors
Transistors
Currentvaluesshownarenominal.
COMPONENTCOUNT
1
2
2
30
Absolute Maximum Ratings
(1)
LM293-EP
DUAL DIFFERENTIAL COMPARATOR
SLCS155 – OCTOBER 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
36
V
VID
Differential input voltage(3)
±36
V
VI
Input voltage range (either input)
–0.3
36
V
VO
Output voltage
36
V
IO
Output current
20
mA
Duration of output short-circuit to ground(4)
Unlimited
θJA
Package thermal impedance(5)(6)
D package
97
°C/W
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
(3)
Differential voltages are at IN+, with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): LM293-EP



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com