Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA830 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
120
110
100
90
80
70
60
50
40
30
20
10
Capacitive Load (pF)
1
10
100
1k
0dB Peaking Targeted
8
7
6
5
4
3
2
1
0
−1
−2
−3
Frequency (MHz)
1
10
100
200
C
L = 1000pF
C
L = 100pF
C
L = 10pF
750
Ω
R
S
1/2
O PA2830
VI
V
O
50
Ω
1k
Ω(1)
CL
750
Ω
NOTE: (1) 1k
Ω is optional.
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
Resistance (
Ω)
10
100
1k
G = +5V/V
V
S = ±5V
6
5
4
3
2
1
0
−1
−2
−3
−4
−5
−6
I
O (mA)
−160 −120
−80
−40
0
40
80
120
160
1W In ternal
Power Lim it
Outpu t
Curr ent Limit
One C hannel Only
Output
Current Lim it
1W Internal
P ower Limit
R
L = 500Ω
R
L = 100Ω
R
L = 50Ω
OPA2830
www.ti.com.................................................................................................................................................. SBOS309D – AUGUST 2004 – REVISED AUGUST 2008
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 72).
FREQUENCY RESPONSE vs CAPACITIVE LOAD
RECOMMENDED RS vs CAPACITIVE LOAD
Figure 13.
Figure 14.
OUTPUT SWING vs LOAD RESISTANCE
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
Figure 15.
Figure 16.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com