Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA690 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 1 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
RELATED PRODUCTS
Single-Supply, Differential, 2nd-Order, 5MHz, Low-Pass Sallen-Key Filter
1500
Ω
506
Ω
0.1
µF
506
Ω
238
Ω
5k
Ω
5k
Ω
238
Ω
0.1
µF
750
Ω
750
Ω
V
O
V
I
+5V
1/2
OPA2830
1/2
OPA2830
238
Ω
238
Ω
BUF602
150pF
150pF
100pF
100pF
0.1
µF
+5V
2.5V
OPA2830
www.ti.com.................................................................................................................................................. SBOS309D – AUGUST 2004 – REVISED AUGUST 2008
Dual, Low-Power, Single-Supply, Wideband
OPERATIONAL AMPLIFIER
2
• HIGH BANDWIDTH:
The OPA2830 is a dual, low-power, single-supply,
230MHz (G = +1), 100MHz (G = +2)
wideband, voltage-feedback amplifier designed to
operate on a single +3V or +5V supply. Operation on
• LOW SUPPLY CURRENT: 7.8mA (V
S = +5V)
±5V or +10V supplies is also supported. The input
• FLEXIBLE SUPPLY RANGE:
range extends below ground and to within 1.8V of the
±1.5V to ±5.5V Dual Supply
positive
supply.
Using
complementary
+3V to +11V Single Supply
common-emitter outputs provides an output swing to
• INPUT RANGE INCLUDES GROUND ON
within 25mV of ground and +VS while driving 150Ω.
High output drive current (75mA) and low differential
SINGLE SUPPLY
gain and phase errors also make it ideal for
• 4.82V
PP OUTPUT SWING ON +5V SUPPLY
single-supply consumer video products.
• HIGH SLEW RATE: 500V/µs
Low distortion operation is ensured by the high gain
• LOW INPUT VOLTAGE NOISE: 9.2nV/√Hz
bandwidth
product
(100MHz)
and
slew
rate
• AVAILABLE IN AN MSOP-8 PACKAGE
(500V/
µs), making the OPA2830 an ideal input buffer
stage
to
3V
and
5V
CMOS
Analog-to-Digital
Converters
(ADCs).
Unlike
earlier
low-power,
single-supply
amplifiers,
distortion
performance
• SINGLE-SUPPLY ADC INPUT BUFFERS
improves as the signal swing is decreased. A low
• SINGLE-SUPPLY VIDEO LINE DRIVERS
9.2nV/
√Hz input voltage noise supports wide dynamic
• CCD IMAGING CHANNELS
range operation.
• LOW-POWER ULTRASOUND
The OPA2830 is available in an industry-standard
• PLL INTEGRATORS
SO-8 package. The OPA2830 is also available in a
• PORTABLE CONSUMER ELECTRONICS
small MSOP-8 package. For fixed-gain and line driver
• LOW-POWER ACTIVE FILTERS
applications, consider the OPA2832.
DESCRIPTION
SINGLES
DUALS
TRIPLES
QUADS
Rail-to-Rail
OPA830
—
—
OPA4830
Rail-to-Rail Fixed-Gain
OPA832
OPA2832
OPA3832
—
General-Purpose
OPA690
OPA2690
OPA3690
—
(1800V/s slew rate)
Low-Noise,
OPA820
OPA2822
—
OPA4820
High DC Precision
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690 TI-OPA690 Datasheet
376Kb / 27P
Dual, Wideband, High Output Current, Operational Amplifier with Current Limit
OPA690 TI-OPA690 Datasheet
410Kb / 23P
Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA690 BURR-BROWN-OPA690 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA690 BURR-BROWN-OPA690 Datasheet
438Kb / 25P
Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA690

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA830 BURR-BROWN-OPA830 Datasheet
460Kb / 31P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2830 BURR-BROWN-OPA2830_08 Datasheet
1Mb / 41P
Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA830 TI-OPA830 Datasheet
633Kb / 34P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830 TI-OPA830_1 Datasheet
682Kb / 35P
Low-Power, Single-Supply, Wideband Operational Amplifier
logo
National Semiconductor ...
OPA830 NSC-OPA830 Datasheet
845Kb / 37P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP NSC-OPA830-EP Datasheet
725Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA2830 NSC-OPA2830 Datasheet
1Mb / 43P
Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA830 TI1-OPA830 Datasheet
845Kb / 37P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP TI1-OPA830-EP Datasheet
725Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
OPA830-EP TI1-OPA830-EP_15 Datasheet
727Kb / 36P
Low-Power, Single-Supply, Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com