Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463IPFP Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5463IPFP
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFP Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 29Page - Texas Instruments ADS5463IPFP Datasheet HTML 30Page - Texas Instruments ADS5463IPFP Datasheet HTML 31Page - Texas Instruments ADS5463IPFP Datasheet HTML 32Page - Texas Instruments ADS5463IPFP Datasheet HTML 33Page - Texas Instruments ADS5463IPFP Datasheet HTML 34Page - Texas Instruments ADS5463IPFP Datasheet HTML 35Page - Texas Instruments ADS5463IPFP Datasheet HTML 36Page - Texas Instruments ADS5463IPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
Clock Common Mode − V
60
65
70
75
80
85
0
1
2
3
4
5
fIN = 100 MHz
fIN = 300 MHz
G024
fS = 500 MSPS
Clock Common Mode − V
60
61
62
63
64
65
66
0
1
2
3
4
5
fIN = 100 MHz
fIN = 300 MHz
G025
fS = 500 MSPS
Duty Cycle − %
50
55
60
65
70
75
80
85
20
30
40
50
60
70
80
fS = 500 MSPS
G021
fIN = 100 MHz
fIN = 300 MHz
ADS5463
ADS54RF63
www.ti.com ................................................................................................................................................... SLAS515E – NOVEMBER 2006 – REVISED JULY 2009
Figure 62. ADS5463 SFDR versus Clock Common Mode
Figure 63. ADS5463 SNR versus Clock Common Mode
Figure 64. ADS5463 SFDR vs Clock Duty Cycle
To understand how to determine the required clock jitter, an example is useful. The ADS5463 is capable of
achieving 63.6 dBFS SNR at 450 MHz of analog input frequency. In order to achieve this SNR at 450 MHz the
clock source rms jitter must be at least 181 fsec when combined with the 150 fsec of internal aperture jitter in
order for the total rms jitter to be 234 fsec. A summary of maximum recommended rms clock jitter as a function
of analog input frequency is provided in Table 2 (using 150 fsec of internal aperture jitter). The equations used to
create the table are also presented.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com