Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5463IPFPRG4 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS5463IPFPRG4
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5463IPFPRG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5463IPFPRG4 Datasheet HTML 28Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 29Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 30Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 31Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 32Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 33Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 34Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 35Page - Texas Instruments ADS5463IPFPRG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
Clock Amplitude − VP−P
71
72
73
74
75
76
77
78
79
80
0
1
2
3
4
5
fS = 500 MSPS
fIN = 100 MHz
fIN = 300 MHz
G022
Clock Amplitude − VP−P
62.5
63.0
63.5
64.0
64.5
65.0
65.5
66.0
0
1
2
3
4
5
fIN = 100 MHz
fIN = 300 MHz
fS = 500 MSPS
G023
CLK
ADS5463
CLK
0.1
F
m
Clock
Source
S0194-02
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
Figure 59. ADS5463 SFDR versus Differential Clock
Figure 60. ADS5463 SNR versus Differential Clock Level
Level
The characterization of the ADS5463/ADS54RF63 is typically performed with a 3-VPP differential clock, but the
ADC performs well with a differential clock amplitude down to ~0.5 VPP (250-mV swing on both CLK and CLK),
as shown in Figure 59 and Figure 60. For jitter-sensitive applications, the use of a differential clock has some
advantages at the system level. The differential clock allows for common-mode noise rejection at the printed
circuit board (PCB) level. With a differential clock, the signal-to-noise ratio of the ADC is better for jitter-sensitive,
high-frequency applications because the board level clock jitter is superior.
Larger clock amplitude levels are recommended for high analog input frequencies or slow clock frequencies. At
high analog input frequencies, the sampling process is sensitive to jitter. At slow clock frequencies, a small
amplitude sinusoidal clock has a lower slew rate and can create jitter-related SNR degradation due to the
uncertainty in the sampling point associated with a slow slew rate. Figure 61 demonstrates a recommended
method for converting a single-ended clock source into a differential clock; it is similar to the configuration found
on the evaluation board and was used for much of the characterization. See also Clocking High Speed Data
Converters (SLYT075) for more details.
Figure 61. Differential Clock
The common-mode voltage of the clock inputs is set internally to 2.4 V using internal 1-k
Ω resistors (see
Figure 57). It is recommended to use ac coupling, but if this scheme is not possible, the ADS5463 features good
tolerance to clock common-mode variation, as shown in Figure 62 and Figure 63 (the ADS54RF63 behaves
similarly). The internal ADC core uses both edges of the clock for the conversion process. Ideally, a 50%
duty-cycle clock signal should be provided, though even 40/60 is good enough for many applications.
Performance degradation as a result of duty cycle can be seen in Figure 64.
32
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com