Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS54RF63IPFPR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADS54RF63IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS54RF63IPFPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADS54RF63IPFPR Datasheet HTML 22Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 23Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 24Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 25Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 26Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 27Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 28Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 29Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
APPLICATION INFORMATION
Theory of Operation
Input Configuration
500 W
500 W
Buffer
VCM
Buffer
1.6 pF
1.6pF
GND
S0293-01
AIN
AIN
AVDD5
AVDD5
ADS5463/5474/54RF63
GND
GND
~ 2.5 nH Bond Wire
~ 2.5 nH Bond Wire
~ 0.5pF
Package
~ 0.5pF
Package
~ 200fF
BondPad
~ 200fF
BondPad
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
The ADS5463/ADS54RF63 is a 12-bit, 500/550-MSPS, monolithic pipeline ADC. Its bipolar analog core operates
from 5-V and 3.3-V supplies, while the output uses a 3.3-V supply to provide LVDS-compatible outputs. The
conversion process is initiated by the rising edge of the external input clock. At that instant, the differential input
signal is captured by the input track-and-hold (T&H), and the input sample is sequentially converted by a series
of lower resolution stages, with the outputs combined in a digital correction logic block. Both the rising and the
falling clock edges are used to propagate the sample through the pipeline every half clock cycle. This process
results in a data latency of 3.5 clock cycles, after which the output data is available as a 12-bit parallel word,
coded in offset binary format.
The ADS5463 and ADS54RF63 are identical in the way they are used on a board. They differ in their maximum
sample rate and spectral performance versus frequency. A good study of the contour plots in Figure 25,
Figure 26, Figure 43, and Figure 44 demonstrate the spectral differences. The digital output characteristics are
the same except the ADS54RF63 has less restrictive timing parameters.
The analog input for the ADS5463/ADS54RF63 consists of an analog pseudo-differential buffer followed by a
bipolar transistor track-and-hold (see Figure 48). The analog buffer isolates the source driving the input of the
ADC from any internal switching and presents a high impedance to drive at high input frequencies, as compared
to an ADC without a buffered input. The input common mode is set internally through a 500-
Ω resistor connected
from 2.4 V to each of the inputs. This results in a differential input impedance of 1 k
Ω. The 0.5 pF of parasitic
package capacitance is before soldering.
Figure 48. Analog Input Equivalent Circuit (unsoldered)
For a full-scale differential input, each of the differential lines of the input signal (pins 16 and 17) swing
symmetrically between 2.4 V + 0.55 V and 2.4 V – 0.55 V. This means that each input has a maximum signal
swing of 1.1 VPP for a total differential input signal swing of 2.2 VPP. Operation below 2.2 VPP is allowable, with
the characteristics of performance versus input amplitude demonstrated in Figure 16 and Figure 17. For
instance, for performance at 1.1 VPP rather than 2.2 VPP, see the SNR and SFDR at -6 dBFS (0 dBFS = 2.2 VPP).
The maximum swing is determined by the internal reference voltage generator, eliminating the need for any
external circuitry for this purpose.
26
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com