Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI1002 Datasheet(PDF) 1 Page - General Semiconductor

Part # GI1002
Description  GLASS PASSIVATED FAST EFFICIENT RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI1002 Datasheet(HTML) 1 Page - General Semiconductor

  GI1002 Datasheet HTML 1Page - General Semiconductor GI1002 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GI1001 THRU GI1004
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
Reverse Voltage - 50 to 200 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ Superfast recovery time for high efficiency
♦ Low forward voltage, high current capability
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ Hermetically sealed package
♦ Low leakage current
♦ High surge capability
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AP solid glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.02 ounce, 0.56 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
GI1001
GI1002
GI1003
GI1004
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
Volts
Maximum RMS voltage
VRMS
35
70
105
140
Volts
Maximum DC blocking voltage
VDC
50
100
150
200
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TL=75°C
I(AV)
1.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method) at TL=75
°C
IFSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
0.975
Volts
Maximum DC reverse current
TA=25°C
2.0
at rated DC blocking voltage
TA=100°C
IR
50.0
µA
Maximum reverse recovery time (NOTE 1)
trr
25.0
ns
Typical junction capacitance (NOTE 2)
CJ
45.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
65.0
(NOTE 4)
R
ΘJL
20.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length and mounted on P.C.B. with 0.5 x 0.5” (12 x 12mm)
(4) Thermal resistance from junction to lead at 0.375" (9.5mm) lead length with both leads attached to heatsinks
4/98
0.034 (0.86)
0.028 (0.71)
DIA.
0.150 (3.8)
0.100 (2.5)
DIA.
1.0 (25.4)
MIN.
0.240 (6.1)
MAX.
1.0 (25.4)
MIN.
DO-204AP
Dimensions in inches and (millimeters)
*Brazed lead assembly is covered by Patent No. 3,930,30


Similar Part No. - GI1002

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GI1002 VISHAY-GI1002 Datasheet
356Kb / 5P
Ultra Fast Sinterglass Diode
28-Jan-03
More results

Similar Description - GI1002

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYV26D GE-BYV26D Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
BYV27-50 GE-BYV27-50 Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
BYV28-50 GE-BYV28-50 Datasheet
53Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP10A GE-EGP10A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP20A GE-EGP20A Datasheet
61Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP30A GE-EGP30A Datasheet
71Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
EGP50A GE-EGP50A Datasheet
59Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
FE1A GE-FE1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
FE3A GE-FE3A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
New Jersey Semi-Conduct...
GI1101 NJSEMI-GI1101 Datasheet
431Kb / 1P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com