Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI2401 Datasheet(PDF) 2 Page - General Semiconductor

Part # GI2401
Description  GLASS PASSIVATED PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI2401 Datasheet(HTML) 2 Page - General Semiconductor

  GI2401 Datasheet HTML 1Page - General Semiconductor GI2401 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1
10
100
10
100
1,000
0
50
100
150
0
4.0
8.0
12
16
20
110
100
0
25
50
75
100
125
150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
80
020
40
60
80
100
0.01
0.1
1
10
100
RATINGS AND CHARACTERISTICS CURVES GI2401 THRU GI2404
FIG. 1 -FORWARD CURRENT DERATING CURVE
TEMPERATURE, °C
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG.3 -TYPICAL REVERSE CHARACTERISTICS
PER LEG
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
8.3ms SINGLE HALF SINE WAVE
(JEDEC Method)
TC=125°C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
REVERSE VOLTAGE, VOLTS
TJ=25
°C
f=1.0 MHZ
Vsig=50mVp-p
TJ=125°C
NUMBER OF CYCLES AT 60 HZ
TJ=125°C
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE PER LEG
TJ=25°C
TJ=100°C
INFINITE HEAT SINK, TC
RESISTIVE OR
INDUCTIVE LOAD
AMBIENT AIR RATING, TA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com