Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESD100V2 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # ESD100V2
Description  Output Interface UART, Bluetooth Specification
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

ESD100V2 Datasheet(HTML) 2 Page - DB Lectro Inc

  ESD100V2 Datasheet HTML 1Page - DB Lectro Inc ESD100V2 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environmental
- Operating temperature: -30˚C to 80˚C
- Storage temperature: -40˚C to 85˚C
- Humidity: 90% Non-condensing
Physical properties
- Dimension:
27.5 mm L (1.08 in )
30.0 mm W (1.18 in )
14.0 mm H (0.55 in )
- Weight: 6g
RegulatoryApprovals
- FCC, CE, TELEC, KCC, SIG
SIG QDID
- B015896
Warranty
- 1-year Limited Warranty
OEM Bluetooth-Serial Module,
ESD100V2
Ordering Information
U.S. / Canada / South America
Tel : +1 (408) 573-7425 Fax : +1 (408) 907-3738
Toll Free (US/Canada): 1-8668-US-SENA (1-866-887-7362)
EU / Africa
Tel : +33 (0) 1 53 53 16 29 Fax : +33 (0) 1 70 24 70 90
Asia / Pacific
Tel : +82-2-571-8283 Fax : +82-2-573-7710
Contact us via E-mail
General Information : info@sena.com
Sales & Distribution : sales@sena.com
Technical Support : support@sena.com
www.sena.com
Specifications
Serial Interface
- UART interface, 2.54mm Pin Header 2X6 (12pin)
- Serial UART speed up to 921.6kbps
- CTS/RTS flow control, DTR/DSR for loop-back & full transfer
Bluetooth
- Bluetooth v2.0 + EDR Class1
- Level - 18 dBm
- Profile: Serial Port Profile
- Working distance : Nominal 100m
Max. Tx power
- 18 dBm
Receive Sensitivity
- 90 dBm
Configuration
- ParaniWIN, ParaniWizard, Modem AT command set
Firmware upgrade
- by ParaniUpdater
Power
- Supply voltage: 3.3V DC
- Supply current:10mA – 60mA
Parani-ESD100V2 Starter Kit
Parani-ESD100V2 Starter Kit includes the development board with the sample
circuitry for Parani-ESD100V2 interface, power, RS232 Interface, Reset,
LEDs, Pairing, H/W flow control for user device development.
RS232
Power Input
Power Switch
H/W Flow Control Switch
Pairing Button
Factory Reset Button
LEDs Set
ESD100V2/110V2
Interface
For more information,
please visit us at http://www.sena.com
Part number
Description/Package Contents
ESD100V2-01
ESD100V2SK-01
Parani-ESD100V2 OEM Bluetooth-Serial Module-Class 1
Bluetooth v2.0+EDR with built-in chip antenna
Package contents:
- Parani-ESD100V2 Module (on-board chip antenna)
Starter Kit for Parani-ESD100V2, ESD100V2 included.
Package contents:
- Parani-ESD100V2 Module (on-board chip antenna)
- Development board
- Serial data cable
- DC Power Adapter
- A hardcopy of Quick Start Guide
- CD-ROM including the Configuration S/W and User Guide



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com