| Electronic Components Datasheet Search |
|
STS400 Datasheet(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
STS400 Datasheet(HTML) 1 Page - DB Lectro Inc |
|
1 / 2 page ![]() www.sena.com Secure Terminal Server with PCMCIA, STS Series, STS400/800/1600 Features Panel Layout PC Card slot Power switch Console Serial ports Ethernet 10/100 Power Input using DSL or cable modem connection. The built-in Dynamic DNS protocol of the STS Series enables you to access serial devices using custom domain names. The STS also provides you with easy-to-use system management functionality of system status display, firmware upgrade and remote reset by using various accessibility options such as, telnet/SSH, serial console port or web. The powerful system logging feature enables users to store/send the system/port log data to the NFS, SYSLOG server and the ATA Flash fixed disk PC card. The Linux-based Terminal Server, STS Series, STS400/800/1600 is a universal Secure Terminal Server that makes your legacy serial devices manageable via industry standard Ethernet network. Based on open network protocols such as TCP/IP and UDP, allows you ultimate flexibility to your serial devices. For secure data communication, the STS Series supports various data encryption protocols such as SSL, 3DES and RC4. In addition, IP address filtering function is provided for protecting unintentional data streams to be transmitted to the STS Series. Customization support features enable users to easily customize the box on-the-fly with minimal effort. The network/serial port access and serial protocol translation are provided using the free user space, Linux shell script and the library support. Featuring PCMCIA slot for enhanced functionality, the STS Series supports PC cards such as Wired/Wireless LAN card to access another network for back up purpose, Phone-line modem card for out-of-band access to the STS Series with an external modem, and ATA Fixed Disk card to keep the system log and port log data safely. With PPPoE(PPP-over-Ethernet) connection feature of the STS Series, the RS232 serial devices could be managed over DSL-based broadband network. With the rich broadband network connectivity protocols such as DHCP, PPPoE and Dynamic DNS, you could easily manage the legacy serial devices over broadband Internet by STS1600 - Connects legacy serial devices to 10/100Base-T Ethernet network. - Supports RS232 based serial devices, up to 230Kbps speed. - Supports PC cards such as ATA memory, modem and wired/wireless LAN card - Flexible TCP/UDP host mode support : Multiple host connections/data transfer. - Powerful security support, SSL/TLS and data encryption - Easy-To-Use customization support - System logging & port logging. - Dynamic DNS and PPPoE protocol for DSL connection to broadband Internet. - Configuration via Web, Telnet/SSH or serial port. - Management software for configuration and administration included. - Surge protector included. - Supports RFC 2217, Telnet COM Port Control Protocol |
Similar Part No. - STS400 |
|
Similar Description - STS400 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |