Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7882IPFBT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7882IPFBT
Description  12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7882IPFBT Datasheet(HTML) 5 Page - Texas Instruments

  ADS7882IPFBT Datasheet HTML 1Page - Texas Instruments ADS7882IPFBT Datasheet HTML 2Page - Texas Instruments ADS7882IPFBT Datasheet HTML 3Page - Texas Instruments ADS7882IPFBT Datasheet HTML 4Page - Texas Instruments ADS7882IPFBT Datasheet HTML 5Page - Texas Instruments ADS7882IPFBT Datasheet HTML 6Page - Texas Instruments ADS7882IPFBT Datasheet HTML 7Page - Texas Instruments ADS7882IPFBT Datasheet HTML 8Page - Texas Instruments ADS7882IPFBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TIMING REQUIREMENTS
ADS7882
www.ti.com ........................................................................................................................................................................................... SLAS630 – DECEMBER 2008
All specifications typical at –40°C to 85°C, +VA = +5 V, +VBD = +5 V
(1) (2) (3) (4)
PARAMETER
MIN
TYP
MAX
UNIT
REF FIG.
t(conv)
Conversion time
280
ns
5
t(acq)
Acquisition time
53
ns
5
SAMPLING AND CONVERSION START
th1
Hold time CS low to CONVST high (with BUSY high)
10
ns
3
td1
Delay CONVST high to acquisition start
2
4
5
ns
1
th2
Hold time, CONVST high to CS high with BUSY low
10
ns
1
th3
Hold time, CONVST low to CS high
10
ns
1
td2
Delay CONVST low to BUSY high
40
ns
1
tw3
CS width for acquisition or conversion to start
20
ns
2
td3
Delay CS low to acquisition start with CONVST high
2
4
5
ns
2
tw1
Pulse width, from CS low to CONVST low for acquisition to start
20
ns
2
td4
Delay CS low to BUSY high with CONVST low
40
ns
2
Quiet sampling time(3)
25
ns
CONVERSION ABORT
ts1
Setup time CONVST high to CS low with BUSY high
15
ns
4
td5
Delay time CS low to BUSY low with CONVST high
20
ns
4
DATA READ
td6
Delay RD low to data valid with CS low
25
ns
td7
Delay BYTE high to LSB word valid with CS and RD low
25
ns
5
td9
Delay time RD high to data 3-state with CS low
25
ns
5
td11
Delay time end of conversion to BUSY low
20
ns
5
t1
Quiet sampling time RD high to CONVST low
20
ns
5
td8
Delay CS low to data valid with RD low
25
ns
5
td10
Delay CS high to data 3-state with RD low
25
ns
6
t2
Quiet sampling time CS low to CONVST low
25
ns
6
BACK-TO-BACK CONVERSION
td12
Delay BUSY low to data valid
10
ns
7, 8
tw4
Pulse width, CONVST high
63
ns
7, 8
tw5
Pulse width, CONVST low
20
ns
7
POWER DOWN/RESET
tw6
Pulse width, low for PWD/RST to reset the device
45
6140
ns
10
tw7
Pulse width, low for PWD/RST to power down the device
7200
ns
9
td13
Delay time, power up after PWD/RST is high
25
ns
9
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of +VBD) and timed from a voltage level of (VIL + VIH)/2.
(2)
See timing diagram.
(3)
Quiet period before conversion start, no data bus activity including data bus 3-state is allowed in this period.
(4)
All timings are measured with 20 pF equivalent loads on all data bits and BUSY pin.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS7882



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com