Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI917 Datasheet(PDF) 2 Page - General Semiconductor

Part # GI917
Description  MEDIUM-SWITCHING PLASTIC RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GI917 Datasheet(HTML) 2 Page - General Semiconductor

  GI917 Datasheet HTML 1Page - General Semiconductor GI917 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30
50
70
90
110
130
150
170
0
1.0
2.0
3.0
4.0
110
100
100
200
0.4
0.6
0.8
1.0
1.4
1.6
1.8
0.01
0.1
1
10
100
10
1
10
100
10
100
1.2
80
0
20
40
60
100
0.01
0.1
1
10
0.375” (9.5mm)
LEAD LENGTH
0.8 x 0.8 x 0.04”
(20 x 20 x 1mm)
COPPER HEATSINKS
I(pk)
=
π
I(AV)
RATINGS AND CHARACTERISTIC CURVES GI910 THRU GI917
FIG.1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, °C
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
NUMBER OF CYCLES AT 60 HZ
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
FIG. 2 - MAXIMUM PEAK FORWARD SURGE CURRENT
REVERSE VOLTAGE, VOLTS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
NON-REPETITIVE
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
TJ=50°C
TJ=100°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
REPETITIVE
TJ=25°C
TJ=150°C
TJ=25°C
CAPACITIVE
LOADS
I(pk)
5.0
I(AV)
=
10
20
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com