Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR0036 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0036
Description  NPN/PNP Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0036 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0036 Datasheet HTML 1Page - Solid States Devices, Inc TR0036 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT390604A2
__ __
│
│
│
│
│
└ Screening 2/ __ = Commercial
TX = TX Level
TXV = TXV Level
S = S Level
└
Package GW = Gullwing
SFT390604A2
Series
Dual Microminiature Package
800 mA 75 Volts
NPN/PNP Transistor
Features:
• High Speed Switching Transistor
• Multiple Devices Reduce Board Space
• High Power Dissipation: Up to 600 mW / device
• TX, TXV, S-Level screening available
• Replaces both 2N3906AU (PNP) &
2N3904AU(NPN) in one package
Maximum Ratings (per device)
Symbol
PNP
Value
NPN
Value
Units
Collector – Emitter Voltage
VCEO
40
40
Volts
Collector – Base Voltage
VCBO
40
60
Volts
Emitter – Base Voltage
VCBO
6
6
Volts
Continues Collector Current
IC
200
200
mAmps
Power Dissipation @ TC = 25ºC
PD
600
600
mW
Operating & Storage Temperature
Top & Tstg
-65 to +200
-65 to +200
ºC
Maximum Thermal Resistance (Junction to Case)
RθJC
0.29
0.29
ºC/mW
Gullwing (GW)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0036 B
Doc


Similar Part No. - TR0036

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TR0036AA0095 TAI-SAW-TR0036AA0095 Datasheet
261Kb / 6P
Dielectric Filter 3750MHz size15.9x4.4mm
More results

Similar Description - TR0036

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3096 INTERSIL-CA3096 Datasheet
133Kb / 14P
NPN/PNP Transistor Arrays
December 1997
logo
Sanyo Semicon Device
2SA1781 SANYO-2SA1781 Datasheet
168Kb / 4P
PNP / NPN Transistor
logo
Shenzhen Jin Yu Semicon...
EMD3 HTSEMI-EMD3 Datasheet
729Kb / 1P
DIGITAL TRANSISTOR (NPN PNP)
UMD9N HTSEMI-UMD9N Datasheet
657Kb / 1P
DIGITAL TRANSISTOR (NPNPNP)
logo
Solid States Devices, I...
TR0032F SSDI-TR0032F Datasheet
139Kb / 2P
Complimentary NPN & PNP Transistor
logo
Jiangsu Changjiang Elec...
BC847PN JIANGSU-BC847PN Datasheet
1Mb / 6P
DUAL TRANSISTOR (NPNPNP)
MMDT2227 JIANGSU-MMDT2227 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNPNP)
MMDT3946 JIANGSU-MMDT3946 Datasheet
298Kb / 4P
DUAL TRANSISTOR (NPNPNP)
MMDT4413 JIANGSU-MMDT4413 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNPNP)
logo
Yea Shin Technology Co....
MMBT3946DW YEASHIN-MMBT3946DW Datasheet
1Mb / 5P
COMPLEMENTARY NPN/PNP TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com