Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TR0076 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # TR0076
Description  High Power NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

TR0076 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  TR0076 Datasheet HTML 1Page - Solid States Devices, Inc TR0076 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT5671 __ __ __
SFT5672 __ __ __
SFT5672E __ __ __
│
│
│
│
│
│
│
│
└ Screening
__ = No Screening
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
└ Lead Bend 3/ 4/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
└ Package 3/ /3 = TO-3
M = TO-254
S1 = SMD 1
SFT5671 and SFT5672
SFT5672E
30 – 50 AMPS
90 - 130 Volts
High Power
NPN Transistors
Features:
•
High Frequency transistor with BVCEO to 130 Volts
•
Enhanced SOA capability and Fast Switching
•
High Power Dissipation 140 Watts
•
200
oC Operating Temperature
•
TX, TXV, S-Level Screening per MIL-PRF-19500
available; consult factory
•
Enhanced performance version: SFT5672E
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
SFT5671
SFT5672
SFT5672E
VCEO
90
120
130
Volts
Collector – Base Voltage
SFT5671
SFT5672
SFT5672E
VCBO
120
150
250
Volts
Emitter – Base Voltage
VEBO
7
Volts
Collector Current
SFT5671, SFT5672
SFT5672E
IC
30
50
Amps
Base Current
IB
10
Amps
Total Power Dissipation
TO-3 (TC ≤ 25ºC)
TO-254 (TC ≤ 25ºC)
SMD 1 (TC ≤ 25ºC)
PD
140
116
175
Watts
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
TO-3
TO-254
SMD 1
R0JC
1.25
1.5
1.0
ºC/W
TO-3 (/3)
TO-254 (M)
SMD 1(S1)
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations are Available for ‘M’ (TO-254) Packages Only.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0076C
DOC


Similar Part No. - TR0076

ManufacturerPart #DatasheetDescription
logo
Trifast plc
TR00000575-100 TRFASTENINGS-TR00000575-100 Datasheet
133Kb / 1P
M6 Hexagon Flange Nut Unserrated
21 Aug 2018
logo
Solid States Devices, I...
TR0001 SSDI-TR0001 Datasheet
35Kb / 2P
PNP TRANSISTOR
logo
TAI-SAW TECHNOLOGY CO.,...
TR0001A TAI-SAW-TR0001A Datasheet
163Kb / 5P
Dielectric Band Pass Filter 3625MHz 150MHz BW
logo
Solid States Devices, I...
TR0001 SSDI-TR0001_15 Datasheet
35Kb / 2P
PNP TRANSISTOR
logo
TAI-SAW TECHNOLOGY CO.,...
TR0002A TAI-SAW-TR0002A Datasheet
215Kb / 6P
Band Pass Filter 5825MHz SMD 4.4X3.9 mm (BW=200MHz)
More results

Similar Description - TR0076

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
HIGH POWER NPN SILICON TRANSISTORS
Jul-1997
logo
Boca Semiconductor Corp...
2N3771 BOCA-2N3771 Datasheet
138Kb / 3P
HIGH POWER NPN SILICON POWER TRANSISTORS
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N3771 ONSEMI-2N3771_06 Datasheet
86Kb / 5P
High Power NPN Silicon Power Transistors
October, 2006 ??Rev. 11
logo
Comset Semiconductor
2N6253 COMSET-2N6253 Datasheet
207Kb / 4P
HIGH POWER SILICON NPN TRANSISTORS
logo
New Jersey Semi-Conduct...
2N6274 NJSEMI-2N6274 Datasheet
248Kb / 2P
HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N3772G ONSEMI-2N3772G Datasheet
80Kb / 5P
High Power NPN Silicon Power Transistors
October, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
HIGH POWER NPN SILICON TRANSISTORS
logo
Solid States Devices, I...
TR0092 SSDI-TR0092 Datasheet
34Kb / 2P
High Power NPN Transistors
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
NPN High Power Silicon Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com