Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS930 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS930 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS930 Datasheet HTML 2Page - Texas Instruments ADS930 Datasheet HTML 3Page - Texas Instruments ADS930 Datasheet HTML 4Page - Texas Instruments ADS930 Datasheet HTML 5Page - Texas Instruments ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments ADS930 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADS930
6
SBAS059A
INTEGRAL LINEARITY ERROR
Output Code
4.0
2.0
0
–2.0
–4.0
0
64
128
192
256
f
IN = 500kHz
UNDERSAMPLING (With Differential Input)
Frequency (MHz)
0
–20
–40
–60
–80
–100
–120
0
1.6
3.2
4.8
6.4
8.0
f
IN = 20MHz
f
S = 16MHz
SWEPT POWER SFDR
Input Amplitude (dBFS)
100
80
60
40
20
0
–50
–40
–30
–20
–10
0
dBFS
dBc
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +3V, Single-ended Input and Sampling Rate = 30MHz, unless otherwise specified.
SPURIOUS FREE DYNAMIC RANGE
vs TEMPERATURE
Temperature (°C)
54
52
50
48
46
–50
0
25
–25
50
75
100
f
IN = 500kHz
f
IN = 12MHz
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Frequency (MHz)
52
50
48
46
0.1
1
10
100
SFDR
SNR
DIFFERENTIAL LINEARITY ERROR
vs TEMPERATURE
Temperature (°C)
0.7
0.6
0.5
0.4
0.3
0.2
–50
0
25
–25
50
75
100
f
IN = 500kHz
f
IN = 10MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com