Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21HT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS21HT1G
Description  High Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS21HT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAS21HT1G Datasheet HTML 1Page - ON Semiconductor BAS21HT1G Datasheet HTML 2Page - ON Semiconductor BAS21HT1G Datasheet HTML 3Page - ON Semiconductor BAS21HT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2013
June, 2013 − Rev. 10
1
Publication Order Number:
BAS21HT1/D
BAS21HT1G,
NSVBAS21HT1G,
NSVBAS21HT3G
High Voltage
Switching Diode
Features
• NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These are Pb−Free Devices
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
250
Vdc
Repetitive Peak Reverse Voltage
VRRM
250
Vdc
Peak Forward Current
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
500
mA
Non−Repetitive Peak Forward Surge
Current, 60 Hz
IFSM(surge)
625
mAdc
Non−Repetitive Peak Forward Current
(Square Wave, TJ = 25°C prior to
surge)
t = 1 ms
t = 10 ms
t = 100 ms
t = 1 ms
t = 1 s
IFSM
20
20
10
4
1
A
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) TA = 25°C
Derate above 25°C
PD
200
1.57
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
635
°C/W
Junction and Storage Temperature
Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 Minimum Pad
HIGH VOLTAGE
SWITCHING DIODE
Device
Package
Shipping†
ORDERING INFORMATION
SOD−323
CASE 477
STYLE 1
1
CATHODE
2
ANODE
http://onsemi.com
MARKING
DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAS21HT1G
SOD−323
(Pb−Free)
3000 / Tape & Reel
JS M G
G
1
2
JS
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending up-
on manufacturing location.
NSVBAS21HT1G SOD−323
(Pb−Free)
3000 / Tape & Reel
NSVBAS21HT3G SOD−323
(Pb−Free)
10000 / Tape &
Reel


Similar Part No. - BAS21HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS21HT1G ONSEMI-BAS21HT1G Datasheet
45Kb / 3P
High Voltage Switching Diode
July, 2006 ??Rev. 4
logo
Zowie Technology Corpor...
BAS21HT1G ZOWIE-BAS21HT1G Datasheet
60Kb / 2P
HIGH VOLTAGE SWITCHING DIODE Lead free product
logo
ON Semiconductor
BAS21HT1G ONSEMI-BAS21HT1G Datasheet
58Kb / 4P
High Voltage Switching Diode
June, 2016 ??Rev. 11
BAS21HT1G ONSEMI-BAS21HT1G Datasheet
173Kb / 5P
High Voltage Switching Diode
June, 2020 ??Rev. 14
logo
Shanghai Leiditech Elec...
BAS21HT1G LEIDITECH-BAS21HT1G Datasheet
1Mb / 3P
HIGH VOLTAGE SWITCHING DIODE
More results

Similar Description - BAS21HT1G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com