Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLS2012E Datasheet(PDF) 15 Page - TDK Electronics

Part # VLS2012E
Description  Inductors for Power Circuits Wound Ferrite
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLS2012E Datasheet(HTML) 15 Page - TDK Electronics

Back Button VLS2012E Datasheet HTML 11Page - TDK Electronics VLS2012E Datasheet HTML 12Page - TDK Electronics VLS2012E Datasheet HTML 13Page - TDK Electronics VLS2012E Datasheet HTML 14Page - TDK Electronics VLS2012E Datasheet HTML 15Page - TDK Electronics VLS2012E Datasheet HTML 16Page - TDK Electronics VLS2012E Datasheet HTML 17Page - TDK Electronics VLS2012E Datasheet HTML 18Page - TDK Electronics VLS2012E Datasheet HTML 19Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
(15/53)
INDUC
T
O
RS
001-01 / 20140208 / inductor_commercial_power_vls_en.fm
• All specifications are subject to change without notice.
VLS-E series 
VLS2010E Type
ELECTRICAL CHARACTERISTICS
L FREQUENCY CHARACTERISTICS GRAPH
○ Measurement equipment
* Equivalent measurement equipment may be used.
0.01
0.1
1
10
100
1000
Frequency(MHz)
0.01
0.1
1
10
100
100M
6R8M
4R7M
3R3M
2R2M
1R5N
1R0N
R56N
150M
220M
Product No.
Manufacturer
4294A
Agilent Technologies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com