Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL101A Datasheet(PDF) 1 Page - General Semiconductor

Part # LL101A
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL101A Datasheet(HTML) 1 Page - General Semiconductor

  LL101A Datasheet HTML 1Page - General Semiconductor LL101A Datasheet HTML 2Page - General Semiconductor LL101A Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Schottky Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05 g
Dimensions in inches and (millimeters)
MiniMELF
.142 (3.6)
.019 (0.48)
Cathode Mark
.134 (3.4)
.011 (0.28)
4/98
LL101A THRU LL101C
Symbol
Value
Unit
Peak Inverse Voltage
LL101A
LL101B
LL101C
VRRM
VRRM
VRRM
60
50
40
V
V
V
Power Dissipation (Infinite Heatsink)
Ptot
4001)
mW
Max. Single Cycle Surge
10
µs Square Wave
IFSM
2A
Junction Temperature
Tj
125
°C
Storage Temperature Range
TS
–55 to +150
°C
1) Valid provided that electrodes are kept at ambient temperature.
For general purpose applications.
The LL101 series is a metal-on-silicon
Schottky barrier device which is protected
by a PN junction guard ring. The low forward
voltage drop and fast switching make it ideal
for protection of MOS devices, steering, biasing
and coupling diodes for fast switching and low logic
level applications.
This diode is also available in the DO-35 case with type
designation SD101A, B, C, and in the SOD-123 case
with type designation SD101AW, SD101BW, SD101CW.
♦
♦
♦


Similar Part No. - LL101A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL101A SEMTECH-LL101A Datasheet
170Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
Vishay Siliconix
LL101A VISHAY-LL101A Datasheet
98Kb / 5P
Small Signal Schottky Barrier Diodes
03-Mar-06
logo
EIC discrete Semiconduc...
LL101A EIC-LL101A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
Diotec Semiconductor
LL101A DIOTEC-LL101A Datasheet
52Kb / 1P
Surface Mount Si-Schottky Diodes
More results

Similar Description - LL101A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com