Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4151 Datasheet(PDF) 2 Page - General Semiconductor

Part # LL4151
Description  Small Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LL4151 Datasheet(HTML) 2 Page - General Semiconductor

  LL4151 Datasheet HTML 1Page - General Semiconductor LL4151 Datasheet HTML 2Page - General Semiconductor LL4151 Datasheet HTML 3Page - General Semiconductor LL4151 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
LL4151
Rectification Efficiency Measurement Circuit
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
at IF = mA
VF
––1
V
Leakage Current
at VR = 50 V
at VR = 50 V, Tj = 150 °C
IR
IR
50
50
nA
µA
Capacitance
at VF = VR = 0
Ctot
––2pF
Reverse Recovery Time
from IF = 10 mA through IR = 10 mA to IR = 1 mA
from IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Ω
trr
trr
4
2
ns
ns
Thermal Resistance
Junction to Ambient Air
RthJA
––0.351)
K/mW
Rectification Efficiency
at f = 100 MHz, VRF = 2 V
ηv
0.45
–––
1) Valid provided that electrodes are kept at ambient temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com